Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE6389_07 Datasheet HTML 26Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 27Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 28Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 29Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 30Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 31Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 32Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 33Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
30
2007-08-13
Figure 4
Reset timing
7.7
100% duty-cycle operation and dropout
The TLE 6389 operates with a duty cycle up to 100%. This feature allows to operate with
the lowest possible drop voltage at low battery voltage as it occurs at cold cranking. The
MOSFET is turned on continuously when the supply voltage approaches the output
voltage level, conventional switching regulators with less than 100% duty cycle would fail
in that case.
The drop- or dropout voltage is defined as the difference between the input and output
voltage levels when the input is low enough to drop the output out of regulation. Dropout
depends on the MOSFET drain-to-source on-resistance, the current-sense resistor and
the inductor series resistance. It is proportional to the load current:
t
t
V
VOUT, RT
V
FB,RT
t
rr
< t
rr
t
t
rd
thermal
shutdown
under
voltage
over
load
t
rd
t
rd
t
rd
V
IN
V
VOUT
V
FB
V
RO
Vdrop
ILOAD RDS ON
()PMOS
RSENSE RINDUCTANCE
++
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com