Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE6389_07 Datasheet HTML 19Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 20Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 21Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 22Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 23Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 24Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 25Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 26Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
23
2007-08-13
Lower Sense threshold VSI, low
vs. temperature Tj
On resistance of SI_GND switch RSW
vs. temperature Tj
Output Voltage vs. Load Current,
TLE6389-2 GV50
Output Current vs. Load Current,
TLE6389-3 GV50
-50
-20
10
40
70
100
130
160
T
j
°C
V
SI,low
V
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
-50
-20
10
40
70
100
130
160
T
j
°C
R
SW
Ω
0
40
280
80
120
160
200
240
0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
I
LOAD
A
V
OUT
V
0
1
2
3
4
5
6
7
TLE 6389-2 GV50
R
SENSE = 50mΩ
V
VS = 13.5V
App. Circuit Fig. 3
0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
I
LOAD
A
V
OUT
V
0
1
2
3
4
5
6
7
TLE 6389-3 GV50
R
SENSE = 50mΩ
V
VS = 13.5V
App. Circuit Fig. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com