Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6389_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 10Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 11Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 12Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 13Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
10
2007-08-13
4
Electrical Characteristics
5V < V
VS < 48V; -40°C < Tj < 150 °C;
All voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
Item
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ. max.
Current Consumption1) TLE6389-2 GV50 and TLE6389-3 GV50
4.1
Current
consumption of VS
IVS
80
150
µA
V
VS = 48V;
PFM mode;
4.2
70
85
µA
V
VS = 13.5V;
PFM mode;
T
j = 25 °C
4.3
Current
consumption of
SI_ENABLE
ISI_ENABL
E
9
30
µA
V
VS = 48V;
V
SI_ENABLE = 48V;
PFM mode;
4.4
Current
consumption of
VOUT
IVOUT
95
130
µA
V
SI_ENABLE = L;
V
VOUT = 5.5V;
V
VS=13.5V;
PFM mode;
T
j = 25°C
4.5
140
220
µA
V
SI_ENABLE = H;
V
VOUT = 5.5V;
V
VS = 13.5V;
V
SI > VSI, high;
PFM mode;
4.6
Current
consumption of SI
ISI
0.2
0.5
µA
V
VS = 13.5V;
V
SI_ENABLE = H;
V
SI = 10V ;
PFM mode;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com