Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE6389_07 Datasheet HTML 21Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 22Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 23Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 24Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 25Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 26Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 27Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 28Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
25
2007-08-13
6
Detailed circuit description
In the following, some internal blocks of the TLE6389 are described in more detail. For
the right choice of the external components please refer to the section application
information.
6.1
PFM/PWM Step-down regulator
To meet the strict requirements in terms of current consumption demanded by all Body-
and 42V PowerNet applications a special PFM (Pulse Frequency Modulation) - PWM
(Pulse Width Modulation) control scheme for highest efficiency is implemented in the
TLE 6389 regulators. Under light load conditions the output voltage is able to increase
slightly and at a certain threshold the controller jumps into PFM mode. In this PFM
operation the PMOS is triggered with a certain on time (depending on input voltage,
output voltage, inductance- and sense resistor value) whenever the buck output voltage
decreases to the so called WAKE-threshold. The switching frequency of the step down
regulator is determined in the PFM mode by the load current. It increases with increasing
load current and turns finally to the fixed PWM frequency at a certain load current
depending on the input voltage, current sense resistor and inductance. The diagram
below shows the buck regulation circuit of the TLE 6389 .
Figure 1
Buck control scheme
The TLE 6389 uses a slope-compensated peak current mode PWM control scheme in
which the feedback or output voltage of the step down circuit and the peak current of the
current through the PMOS are compared to form the OFF signal for the external PMOS.
VREF
VFB
VS
BDS
GDRV
Current-
sense
Amplifier
+
MUX
CS
VS
Error
Amplifier
PWM
Comparator
Slope-
compensation
Blanking
R
S
Q
+-
+
-
>1
&
+-
+-
Over-
Voltage
Lockout
Over-
Temp.
Shutdown
VREF
VFB, OV
VREF
VDIODE
-
Wake-
Comparator
VREF
VFB, WK
Oscillator
SYNC
MODE
Level-
shift
PFM
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com