Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE6389_07 Datasheet HTML 18Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 19Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 20Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 21Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 22Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 23Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 24Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 25Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
22
2007-08-13
Output voltage VVOUT vs. temperature Tj in
PFM mode (VVS=24V,ILoad=15mA,-3GV50)
Lower Reset threshold VVOUT, RT
vs. temperature Tj (-3GV50)
Lower Reset threshold VFB,RT
vs. temperature Tj (-2GV)
Internal pull up resistors RRO and RSO
vs. temperature Tj (-3GV50)
-50
-20
10
40
70
100
130
160
T
j
°C
V
VOUT
V
4.80
4.85
5.15
4.90
4.95
5.00
5.05
5.10
-50
-20
10
40
70
100
130
160
T
j
°C
V
VOUT,RT
V
3.58
3.60
3.72
3.62
3.64
3.66
3.68
3.70
-50
-20
10
40
70
100
130
160
T
j
°C
V
FB,RT
V
1.07
1.08
1.14
1.09
1.10
1.11
1.12
1.13
-50
-20
10
40
70
100
130
160
T
j
°C
R
RO
k
Ω
10
15
20
25
30
35
40
45
R
SO
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com