Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6389_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 10Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 11Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 12Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 13Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 14Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 15Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
12
2007-08-13
Buck Controller
4.14
Output voltage
VVOUT
4.85 5.00 5.15
V
TLE6389-2 GV50,
TLE6389-3 GV50;
V
VS=13.5V& 48V;
PWM mode
I
OUT = 0.5 to 2A;
R
SENSE = 22mΩ;
R
M1 = 0.25Ω;
R
L1 = 0.1Ω;
4.15
4.75 5.00 5.25
V
TLE6389-2 GV50,
TLE6389-3 GV50;
V
VS = 24V;PFM;
I
OUT = 15mA;
R
SENSE = 22mΩ;
R
M1 = 0.25Ω;
R
L1 = 0.1Ω;
4.16
3.8
V
TLE6389-3 GV50;
V
VS decreasing
from 5.8V to 4.2V;
I
LOAD = 0mA to
500mA;
R
SENSE = 22mΩ;
R
M1 = 0.4Ω;
R
L1 = 0.1Ω;
4.17
FB threshold
voltage
VFB, th
1.225 1.25 1.275 V
TLE6389-2 GV
4.18
Output voltage
VVOUT
9.7
10.0 10.3
V
TLE6389-2 GV;
Calibrated divider,
see section 7.3;
V
VS = 13.5V & 48V;
I
OUT = 0.5 to 2A;
PWM Mode;
R
SENSE = 22mΩ;
R
M1 = 0.25Ω;
R
L1 = 0.1Ω;
4
Electrical Characteristics (cont’d)
5V < V
VS < 48V; -40°C < Tj < 150 °C;
All voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
Item
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com