Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE6389_07 Datasheet HTML 12Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 13Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 14Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 15Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 16Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 17Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 18Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 19Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
16
2007-08-13
4.35
Gate driver,
gate voltage, fall
time
t
f
50
65
ns
V
ENABLE/SI_ENABLE
= 5 V
C
BDS = 220 nF
C
GDRV = 4.7nF
4.36
Peak current limit
threshold voltage
V
LIM =
V
VS –
V
CS
50
70
90
mV
4.37
Oscillator
frequency
fOSC
290
360
420
kHz
PWM mode only
4.38
Maximum duty
cycle
dMAX
100
%
PWM mode only
4.39
Minimum on time
tMIN
220
400
ns
PWM mode only
4.40
SYNC capture
range
∆fsync
250
530
kHz
PWM mode only
4.41
SYNC trigger level
high
VSYNC,h
4.0
V
2)
4.42
SYNC trigger level
low
0.8
V
2)
Reset Generator
4.43
Reset threshold
VVOUT, RT 3.5
3.65 3.8
V
TLE6389-3 GV50;
VVOUT decreasing
4.44
4.5
4.65 4.8
V
TLE6389-3 GV50;
VVOUT increasing
4.45
Reset headroom
VRT,HEAD 80
mV
TLE6389-2 GV50;
VOUT(VS=6V,
ILOAD=1A)
-VVOUT,RT
4.46
Reset threshold
VVOUT, RT 4.5
4.65 4.8
V
TLE6389-2 GV50;
VVOUT increasing/
decreasing
4.47
Reset threshold
hysteresis
∆VVOUT,
RT
50
mV
TLE6389-2 GV50
2)
4
Electrical Characteristics (cont’d)
5V < V
VS < 48V; -40°C < Tj < 150 °C;
All voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
Item
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com