Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6389_07 Datasheet HTML 2Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 3Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 4Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
6
2007-08-13
2
Absolute Maximum Ratings
Item
Parameter
Symbol Limit Values Unit
Remarks
min.
max.
Device supply input VS
2.1
Voltage
V
VS
-0.3
61
V
–
2.2
Current
I
VS
–
–
–
Current sense input CS
2.3
Voltage
V
CS
-0.3
61
V
|VVS - VCS| < 0.3V
2.4
Current
I
CS
–
–
–
Gate drive output GDRV
2.5
Voltage
VGDRV
– 0.3
61
V
-0.3V < |VVS -
VGDRV| < 6.8V;
-0.3V < |VBDS -
VGDRV| < 6.8V
2.6
Current
I
GDRV
–
–
–
limited internally
Buck driver supply input BDS
2.7
Voltage
VBDS
– 0.3
61
V
-0.3V < |VVS -
VBDS| < 6.8V
2.8
Current
I
BDS
–
–
–
Feedback input FB
2.9
Voltage
VFB
– 0.3
6.8
V
2.10
Current
I
FB
–
–
–
Enable input SI_ENABLE
2.11
Voltage
VSI_ENAB
LE
– 0.3
61
V
TLE6389-2 GV50,
TLE6389-3 GV50
2.12
Current
I
SI_ENABL
E
–
–
–
SI-Ground input SI_GND
2.13
Voltage
VSI_GND – 0.3
61
V
2.14
Current
I
SI_GND
–
–
–
Enable input ENABLE
2.15
Voltage
VENABLE – 0.3
61
V
TLE6389-2 GV
2.16
Current
I
ENABLE
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com