Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 24Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 25Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 26Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 27Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 28Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 29Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 30Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 31Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
1-18
Freescale Semiconductor
Signals/Connections
1.7 EOnCE Event and JTAG Test Access Port Signals
The MSC8102 uses two sets of debugging signals for the two types of internal debugging modules: EOnCE and the
JTAG TAP controller. Each internal SC140 core has an EOnce module, but they are all accessed externally by the
same two signals EE0 and EE1. The MSC8102 supports the standard set of Test Access Port (TAP) signals defined
by IEEE 1149.1 Standard Test Access Port and Boundary-Scan Architecture specification and described in
Table 1-8.
GPIO30
TIMER2
TMCLK
Input/Output
Input/Output
Input
General-Purpose Input Output 30
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated
outputs.For details, refer to the
MSC8102 Reference Manual GPIO programming model.
Timer 2
Each signal is configured as either input to the counter or output from the counter. For the
configuration of the pin direction, refer to the
MSC8102 Reference Manual.
External TIMER Clock
An external timer can connect directly to the SIU as the SIU Clock.
GPIO31
TIMER3
Input/Output
Input/ Output
General-Purpose Input Output 31
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated
outputs. For details, refer to the
MSC8102 Reference Manual GPIO programming model.
Timer 3
Each signal is configured as either input to or output from the counter. For the configuration of the pin
direction, refer to the
MSC8102 Reference Manual.
Table 1-8.
JTAG Test Access Port Signals
Signal Name
Type
Signal Description
EE0
Input
EOnCE Event Bit 0
Used for putting the internal SC140 cores into Debug mode.
EE1
Output
EOnCE Event Bit 1
Indicates that at least one on-chip SC140 core is in Debug mode.
TCK
Input
Test Clock—A test clock signal for synchronizing JTAG test logic.
TDI
Input
Test Data Input—A test data serial signal for test instructions and data. TDI is sampled on the rising
edge of TCK and has an internal pull-up resistor.
TDO
Output
Test Data Output—A test data serial signal for test instructions and data. TDO can be tri-stated. The
signal is actively driven in the shift-IR and shift-DR controller states and changes on the falling edge
of TCK.
TMS
Input
Test Mode Select—Sequences the test controller’s state machine, is sampled on the rising edge of
TCK, and has an internal pull-up resistor.
TRST
Input
Test Reset—Asynchronously initializes the test controller, has an internal pull-up resistor, and must
be asserted after power up.
Table 1-7.
GPIO, TDM, UART, and Timer Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com