Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 34Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 35Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 36Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 37Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 38Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 39Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 40Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 41Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
2-8
Freescale Semiconductor
Specifications
Table 2-10 summarizes the reset actions that occur as a result of the different reset sources.
2.5.4.1 Power-On Reset (PORESET) Pin
Asserting PORESET initiates the power-on reset flow. PORESET and TRST should be asserted external during
power-up. CLKIN may start toggling after VDDH reaches the nominal level, but must start toggling before VDD reaches
0.5 V.
2.5.4.2 Reset Configuration
The MSC8102 has two mechanisms for writing the reset configuration:
• Through the direct slave interface (DSI), or
• Through the system bus
When reset configuration written through the system bus, the MSC8102 uses as a configuration master or as a
configuration slave. If a configuration slave is selected, but no special configuration word is written, a default
configuration word is applied. Fourteen signal levels are sampled on PORESET deassertion to define the Reset
Configuration mode and boot and operating conditions (see Chapter 1 for signal descriptions):
• RSTCONF
• CNFGS
• DSISYNC
• DSI64
• CHIP_ID[0–3]
• BM[0–2]
• SWTE
• MODCK[1–2]
Table 2-10.
Reset Actions for Each Reset Source
Reset Action/Reset Source
Power-On
Reset
(PORESET)
Hard Reset
(HRESET)
Soft Reset (SRESET)
External only
External or
Internal
(Software
Watchdog or
Bus Monitor)
External
JTAG Command:
EXTEST, CLAMP,
or HIGHZ
Configuration pins sampled (refer to Section 2.5.4.1 for
details).
Yes
No
No
No
SPLL and DLL states reset
Yes
No
No
No
System reset configuration write through the DSI
Yes
No
No
No
System reset configuration write though the system bus
Yes
Yes
No
No
HRESET driven
Yes
Yes
No
No
SIU registers reset
Yes
Yes
No
No
IPBus Modules Reset (TDM, UART, timers, DSI, IPBus Master,
GIC, HS, and GPIO)
Yes
Yes
Yes
Yes
SRESET driven
Yes
Yes
Yes
Depends on command
SC140 extended cores reset
Yes
Yes
Yes
Yes
MQBS reset
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com