Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 69Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 70Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 71Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 72Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 73Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 74Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 75Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 76Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
4-1
Design Considerations
4
This chapter includes design and layout guidelines for manufacturing boards using the MSC8102.
4.1 Power Supply Design and Layout Considerations
The input voltage must not exceed the I/O supply VDDH by more than 2.5 V at any time, including during power-on
reset. In turn VDDH must not exceed VDD/VCCSYN by more than 2.6 V at any time, including during power-on
reset. VDD/VCCSYN must not exceed VDDH by more than 0.4 V at any time, including during power-on reset.
Use the following guidelines for power-up and power-down sequences:
• Assert PORESET before applying power and keep the signal driven low until the power reaches the required
minimum power levels. This can be implemented via a weak pull-down resistor.
• CLKIN can be held low or allowed to toggle during the beginning of the power-up sequence. However, CLKIN
must start toggling before the deassertion of PORESET and after both power supplies have reached nominal
voltage levels.
• To maintain the proper relationship and power-up sequence between the power levels, the recommendation is to
use “bootstrap” diodes between the power rails, as shown in Figure 4-1.
Select the bootstrap diodes such that a nominal VDD/VCCSYN is sourced from the VDDH power supply until the
VDD/VCCSYN power supply becomes active. In Figure 4-1, four MUR420 Schottky barrier diodes are connected in
series; each has a forward voltage (VF) of 0.6 V at high currents, so these diodes provide a 2.4 V drop,
maintaining 0.9 V on the 1.6 V power line. Once the core/PLL power supply stabilizes at 1.6 V, the bootstrap
diodes will be reverse biased with negligible leakage current. The VF should be effective at the current levels
required by the processor. Do not use diodes with a nominal VF that drops too low at high current. Figure 4-2
shows the recommended power decoupling circuit for the core power supply. The voltage regulator and the
decoupling capacitors should supply the required device current without any drop in voltage on the device pins.
The voltage on the package pins should not drop below 1.5 V even for a very short spikes. This can be achieved
by using the following guidelines:
Figure 4-1.
Bootstrap Diodes for Power-Up Sequencing
I/O Power
Core/PLL
Supply
MUR420
MUR420
MUR420
MUR420
3.3 V (VDDH)
1.6 V (VDD/VCCSYN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com