Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 72Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 73Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 74Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 75Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 76Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 77Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 78Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 79Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
4-4
Freescale Semiconductor
Design Considerations
• In single-master mode with the DLL disabled (that is, the DLLDIS bit in the Hard Reset Configuration Word is
set), the following connections should be used:
— Connect the oscillator output through a buffer to CLKIN.
— Connect DLLIN to GND (pull low).
— Connect CLKOUT through a zero-delay buffer to the slave device (for example, SDRAM) using the following
guidelines:
°
The maximum delay between the slave and CLKOUT must not exceed 0.7 ns.
°
The maximum load on CLKOUT must not exceed 10 pF.
°
Use a zero-delay buffer with a jitter less than 0.3 ns.
• If the 60x-compatible system bus is not used and SIUMCR[PBSE] is set, you can disconnect PPBS. Otherwise,
pull the signal up.
• The following signals: SWTE, DSISYNC, DSI64, MODCK[1–2], CNFGS, CHIPID[0–3], RSTCONF and BM[0–2] are used
to configure the MSC8102 and are sampled on the deassertion of the PORESET signal. Therefore, they should be
tied to GND or VDD either directly or through a pull-down or a pull-up resistor until the deassertion of the
PORESET
signal.
• You must pull up BR, BG, DBG, EXT_BR[2–3], EXT_BG[2–3], EXT_DBG[2–3], and TS if the BCR[EBM] bit is set.
• When they are used, you must pull up INT_OUT (if SIUMCR[INTODC] is cleared), NMI_OUT, and IRQxx (if not
full drive).
Note:
For details on configuration, see the MSC8102 User’s Guide and MSC8102 Reference Manual.
4.3 Recommended Clock Connections for Single-Master
Mode with DLL Off
Use the guidelines shown in Figure 4-4 to connect CLKOUT to a slave device, such as an SDRAM. The zero-delay
buffer can use internal or external feedback.
Because the connection uses open loop timing between the internal and external clock (CLKOUT), the design must
adhere to the following requirements:
• The maximum delay between the CLKOUT pin to the SDRAM must be less than 0.7 ns.
• The maximum external load on CLKOUT must not exceed 10 pF.
• The zero-delay buffer must have a jitter of less than 0.3 ns.
Figure 4-4.
Example Clock Distribution In Single-Master Mode with DLL Disabled
Buffer
Zero-Delay
DLLIN CLKOUT
CLKIN
DLLDIS = 1
SDRAM
Buffer
Oscillator
MSC8102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com