Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 15Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 16Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 17Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 18Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 19Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 20Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 21Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 22Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
Direct Slave Interface, System Bus, and Interrupt Signals
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
1-9
IRQ4
DP4
DACK3
EXT_DBG3
Input
Input/Output
Output
Output
Interrupt Request 4
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 4
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 4
pin should give odd parity (odd number of ones) on the group of signals that includes data parity 4 and
D[32–39].
DMA Acknowledge 3
The DMA drives this output to acknowledge the DMA transaction on the bus.
External Data Bus Grant 3
2
The MSC8102 asserts this pin to grant data bus ownership to an external bus master.
IRQ5
DP5
DACK4
EXT_BG3
Input
Input/Output
Output
Output
Interrupt Request 5
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 5
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 5
pin should give odd parity (odd number of ones) on the group of signals that includes data parity 5 and
D[40–47].
DMA Acknowledge 4
The DMA drives this output to acknowledge the DMA transaction on the bus.
External Bus Grant 3
2
The MSC8102 asserts this pin to grant bus ownership to an external bus.
IRQ6
DP6
DREQ3
Input
Input/Output
Input
Interrupt Request 6
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 6
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 6
pin should give odd parity (odd number of ones) on the group of signals that includes data parity 6 and
D[48–55].
DMA Request 3
Used by an external peripheral to request DMA service.
IRQ7
DP7
DREQ4
Input
Input/Output
Input
Interrupt Request 7
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 7
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 7
pin should give odd parity (odd number of ones) on the group of signals that includes data parity 7 and
D[56–63].
DMA Request 4
Used by an external peripheral to request DMA service.
TA
Input/Output
Transfer Acknowledge
Indicates that a data beat is valid on the data bus. For single-beat transfers, TA assertion indicates the
termination of the transfer. For burst transfers, TA is asserted eight times to indicate the transfer of eight
data beats, with the last assertion indicating the termination of the burst transfer.
TEA
Input/Output
Transfer Error Acknowledge
Assertion indicates a failure of the data tenure transaction.The masters within the MSC8102 monitor the
state of this pin. The MSC8102 internal bus monitor can assert this pin if it identifies a bus transfer that does
not complete.
Table 1-5.
DSI, System Bus, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com