Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 29Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 30Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 31Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 32Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 33Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 34Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 35Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 36Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
DC Electrical Characteristics
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
2-3
2.4 DC Electrical Characteristics
This section describes the DC electrical characteristics for the MSC8102. The measurements in Table 2-4 assume
the following system conditions:
•TA = 25 °C
•VDD = 1.55–1.7 VDC
•VDDH = 3.3 V ± 5% VDC
• GND = 0 VDC
Note:
The leakage current is measured for nominal VDDH and VDD or both VDDH and VDD must vary in the same
direction (for example, both VDDH and VDD vary by +2 percent or both vary by –2 percent).
Table 2-4.
DC Electrical Characteristics
Characteristic
Symbol
Min
Typical
Max
Unit
Input high voltage
1, all inputs except CLKIN
VIH
2.0
3.0
3.465
V
Input low voltage1
VIL
GND
0
0.4
V
CLKIN input high voltage
VIHC
2.4
3.0
3.465
V
CLKIN input low voltage
VILC
GND
0
0.4
V
Input leakage current, VIN = VDDH
IIN
–1.0
0.09
1
µA
Tri-state (high impedance off state) leakage current, VIN = VDDH
IOZ
–1.0
0.09
1
µA
Signal low input current, VIL = 0.4 V
2
IL
–1.0
0.09
1
µA
Signal high input current, VIH = 2.0 V
2
IH
–1.0
0.09
1
µA
Output high voltage, IOH = –2 mA, except open drain pins
VOH
2.0
3.0
—
V
Output low voltage, IOL= 3.2 mA
VOL
—
0
0.4
V
Internal supply current:
•
In Wait mode
— 250 MHz
— 275 MHz
•
In Stop mode
— 250 MHz
— 275 MHz
IDDW
IDDS
—
—
—
—
203
222
88
95
—
—
—
—
mA
mA
mA
mA
Typical power consumption3 at:
•250 MHz
•275 MHz
P
—
—
1.35
1.47
—
—
W
W
Notes:
1.
See Figure 2-1 for undershoot and overshoot voltages.
2.
Not tested. Guaranteed by design.
3.
The typical power was measured using an EFR code with the device running at room temperature (TA = 25°C). No
peripherals were enabled and ICache was not enabled. The source code was optimized to utilize all the ALUs and AGUs and
all four cores. It was created using CodeWarrior
® 2.5 by Metrowerks®. These values are provided as examples only. Power
consumption is application dependent and varies widely. To assure proper board design with regard to thermal dissipation
and proper operating temperatures, evaluate power consumption for your application and use the design guidelines in
Chapter 4 and in
MSC8102, MSC8122, and MSC8126 Thermal Management Design Guidelines (AN2601).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com