Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 35Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 36Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 37Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 38Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 39Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 40Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 41Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 42Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
AC Timings
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
2-9
2.5.4.3 Reset Timing Tables
Table 2-11 and Figure 2-5 describe the reset timing for a reset configuration write through the direct slave
interface (DSI) or through the system bus.
Table 2-11.
Timing for a Reset Configuration Write through the DSI or System Bus
No.
Characteristics
Expression
Min
Max
Unit
1
Required external PORESET duration minimum
•
CLKIN = 33 MHz
•
CLKIN = 75 MHz
16/CLKIN
484.8
213.3
—
ns
2
Delay from deassertion of external PORESET to deassertion of internal
PORESET
•
CLKIN = 33 MHz
•
CLKIN = 75 MHz
1024/CLKIN
31.03
13.65
µs
µs
3
Delay from de-assertion of internal PORESET to SPLL lock
•
CLKIN = 33 MHz
•
CLKIN = 75 MHz
800/(CLKIN/PDF)
(pre-division
factor)
48.5
32.0
µs
µs
4
Delay from SPLL lock to DLL lock.
•
DLL enabled
REFCLK = 33 Mhz
REFCLK = 75 Mhz
•
DLL disabled
3073/REFCLK
—
93.12
40.97
0.0
µs
µs
µs
5
•
Delay from SPLL and DLL lock to HRESET de-assertion
•
DLL enabled
REFCLK = 33 Mhz
REFCLK = 75 Mhz
•
DLL disabled
REFCLK = 33 Mhz
REFCLK = 75 Mhz
3585/REFCLK
512/REFCLK
108.64
47.5
15.52
6.83
µs
µs
µs
µs
6
Delay from SPLL and DLL lock to SRESET de-assertion
•
DLL enabled
REFCLK = 33 Mhz
REFCLK = 75 Mhz
•
DLL disabled
REFCLK = 33 Mhz
REFCLK = 75 Mhz
3588/REFCLK
515/REFCLK
108.73
47.84
15.61
6.87
µs
µs
µs
µs
Note:
Timings are not tested, but are guaranteed by design.
Figure 2-5.
Timing Diagram for a Reset Configuration Write
PORESET
Internal
HRESET
Input
Output (I/O)
SRESET
Output (I/O)
RSTCONF, CNFGS, DSISYNC, DSI64
CHIP_ID[0–3], BM[0–2], SWTE, MODCK[1-2]
Host programs
Word
SPLL and DLL are locked
(no external indication)
PORESET
Reset Configuration
pins are sampled
1
2
MODCK[3–5],
are ready for SPLL.
DLLDIS bits
1 + 2
3 + 4
5
6
When DLL is disabled,
reset period is shortened
by 3073 bus clocks.
SPLL and DLL
locking period.
Reset configuration write
sequence occurs during this
period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com