Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNSC140CORE Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 70Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 71Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 72Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 73Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 74Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 75Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 76Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 77Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
4-2
Freescale Semiconductor
Design Considerations
— For the core supply, use a voltage regulator rated at 1.6 V with nominal rating of at least 3 A. This rating does
not reflect actual average current draw, but is recommended because it resists changes imposed by transient
spikes and has better voltage recovery time than lower current rated supplies.
— Decouple the supply using low-ESR capacitors mounted as close as possible to the socket. Figure 4-2 shows
three capacitors in parallel to reduce the resistance. Three capacitors is a recommended minimum number. If
possible, mount at least one of the capacitors directly below the MSC8102 device.
Each VCC and VDD pin on the MSC8102 should be provided with a low-impedance path to the board power supply.
Similarly, each GND pin should be provided with a low-impedance path to ground. The power supply pins drive
distinct groups of logic on the chip. The VCC power supply should be bypassed to ground using at least four 0.1 µF
by-pass capacitors located as closely as possible to the four sides of the package. The capacitor leads and
associated printed circuit traces connecting to chip VCC, VDD, and GND should be kept to less than half an inch per
capacitor lead. A four-layer board is recommended, employing two inner layers as VCC and GND planes.
All output pins on the MSC8102 have fast rise and fall times. PCB trace interconnection length should be
minimized in order to minimize undershoot and reflections caused by these fast output switching times. This
recommendation particularly applies to the address and data busses. Maximum PCB trace lengths of six inches are
recommended. For the DSI control signals in Synchronous mode, make sure that the layout supports the DSI AC
timing requirements and minimizes any signal crosstalk. Capacitance calculations should consider all device loads
as well as parasitic capacitances due to the PCB traces. Attention to proper PCB layout and bypassing becomes
especially critical in systems with higher capacitive loads because these loads create higher transient currents in the
VCC, VDD, and GND circuits. Pull up all unused inputs or signals that will be inputs during reset.
Special care should be taken to minimize the noise levels on the PLL supply pins. There is one pair of PLL supply
pins: VCCSYN-GNDSYN. To ensure internal clock stability, filter the power to the VCCSYN input with a circuit similar to
the one in Figure 4-3. To filter as much noise as possible, place the circuit as close as possible to VCCSYN. The 0.01-
µF capacitor should be closest to VCCSYN, followed by the 10-µF capacitor, the 10-nH inductor, and finally the 10-
Ω
resistor to VDD. These traces should be kept short and direct. Provide an extremely low impedance path to ground
Figure 4-2.
Core Power Supply Decoupling
+
-
Power supply
or
Voltage Regulator
High Freq. capacitors
(very low ESR and ESL)
Bulk/Tantalum capacitors
with low ESR and ESL
MSC8102
maximum IR drop
of 15 mV at 1 A
Note: Use at least three capacitors.
Lmax = 2 cm
One 0.01 µF capacitor
for every 3 Core supply
(Imin = 3 A)
pads.
1.6 V
Each capacitor must be at least 150
µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com