Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JD Datasheet(PDF) 16 Page - Kemet Corporation

Part # CSR91B565JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JD Datasheet(HTML) 16 Page - Kemet Corporation

Back Button CSR91B565JD Datasheet HTML 12Page - Kemet Corporation CSR91B565JD Datasheet HTML 13Page - Kemet Corporation CSR91B565JD Datasheet HTML 14Page - Kemet Corporation CSR91B565JD Datasheet HTML 15Page - Kemet Corporation CSR91B565JD Datasheet HTML 16Page - Kemet Corporation CSR91B565JD Datasheet HTML 17Page - Kemet Corporation CSR91B565JD Datasheet HTML 18Page - Kemet Corporation CSR91B565JD Datasheet HTML 19Page - Kemet Corporation CSR91B565JD Datasheet HTML 20Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T110 SERIES — POLAR TYPE & T212 (CSR13)
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
19
KEMET T110
MIL-PRF-39003 (CSR13) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
125 VOLT RATING AT 85°C — 82 VOLT RATING AT 125°C
1.0
B
5,10,20
T110B105(1)125AS
1.5
3
1.2
B
5,10,20
T110B125(1)125AS
1.5
3
1.5
B
5,10,20
T110B155(1)125AS
1.5
3
1.8
B
5,10,20
T110B185(1)125AS
1.5
3
2.2
B
5,10,20
T110B225(1)125AS
1.5
3
2.7
C
5,10,20
T110C275(1)125AS
2.0
3
3.3
C
5,10,20
T110C335(1)125AS
2.0
3
3.9
C
5,10,20
T110C395(1)125AS
2.0
3
4.7
C
5,10,20
T110C475(1)125AS
3.0
3
5.6
C
5,10,20
T110C565(1)125AS
3.0
3
6.8
C
5,10,20
T110C685(1)125AS
3.0
3
8.2
D
5,10,20
T110D825(1)125AS
6.0
3
10.0
D
5,10,20
T110D106(1)125AS
6.0
3
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/1H
EXPONENTIAL
MIL-PRF-39003/1H
GRADED
(1) To complete T110 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character.
Bold Face lines indicate popular part types and values.
T110/T140 Herm Seal ESR (OHMS) at 100 kHz @ +25
°C
(The ESR values provided below are for reference only. No warranty, as stated on page 3 and reincorporated
here, is made as to the accuracy of these values for any particular T110/T140 Series product.)
Cap
µF
6
Volt
10
Volt
15
Volt
20
Volt
30
Volt
35
Volt
50
Volt
60
Volt
75
Volt
100
Volt
125
Volt
0.10
37.0
26.0
26.0
26.0
26.0
25.0
25.0
0.12
37.0
26.0
26.0
26.0
26.0
25.0
25.0
0.15
32.0
21.0
21.0
21.0
21.0
20.0
20.0
0.18
32.0
21.0
21.0
21.0
21.0
20.0
20.0
0.22
27.0
17.0
17.0
17.0
17.0
16.0
16.0
0.27
25.0
17.0
17.0
17.0
17.0
16.0
16.0
0.33
28.0
22.0
15.0
15.0
15.0
15.0
14.0
14.0
0.39
28.0
22.0
15.0
15.0
15.0
15.0
14.0
14.0
0.47
26.0
20.0
13.0
13.0
13.0
13.0
12.0
12.0
0.56
26.0
18.0
13.0
13.0
13.0
13.0
12.0
12.0
0.68
24.0
16.0
10.0
10.0
10.0
10.0
9.0
9.0
0.82
24.0
16.0
10.0
10.0
10.0
10.0
9.0
9.0
1.0
20.0
17.0
10.0
8.0
8.0
8.0
8.0
7.0
7.0
1.2
20.0
17.0
10.0
9.0
8.0
8.0
8.0
8.0
7.0
7.0
1.5
14.0
10.0
9.0
8.0
6.0
5.0
5.0
5.0
4.0
4.0
1.8
14.0
10.0
9.0
8.0
6.0
5.0
5.0
5.0
4.0
4.0
2.2
14.0
13.0
8.0
7.0
6.0
5.0
3.5
3.5
3.5
3.0
3.0
2.7
14.0
13.0
8.0
7.0
6.0
5.0
3.5
3.5
3.5
3.0
3.0
3.3
13.0
10.0
6.0
5.5
4.0
3.0
3.0
3.0
2.5
2.5
3.9
13.0
10.0
6.0
5.5
4.0
3.0
3.0
3.0
2.5
2.5
4.7
10.0
8.0
5.0
4.5
3.0
2.5
2.5
2.5
2.0
2.0
5.6
10.0
8.0
5.0
4.5
3.0
2.5
2.5
2.5
2.0
2.0
6.8
8.0
6.0
4.0
3.6
2.5
2.0
2.0
2.0
1.5
1.5
8.2
8.0
6.0
4.0
3.6
2.5
2.0
2.0
2.0
1.5
1.5
10.0
6.0
5.0
3.2
2.9
2.0
1.6
1.6
1.6
1.0
1.0
12.0
6.0
5.0
3.2
2.9
2.5
2.0
1.6
1.6
1.6
15.0
5.0
3.7
2.5
2.3
2.0
1.6
1.2
1.2
1.2
18.0
5.0
3.7
2.5
2.3
2.0
1.6
1.2
1.2
22.0
3.7
2.7
2.0
1.8
1.3
1.0
1.0
27.0
3.7
2.7
2.0
1.8
1.3
1.0
1.0
33.0
3.0
2.1
1.6
1.4
1.2
1.0
0.8
0.8
39.0
3.0
2.1
1.6
1.4
1.2
1.0
0.8
47.0
2.0
1.7
1.3
1.2
1.0
0.8
0.6
56.0
2.0
1.7
1.3
1.2
1.0
0.8
68.0
1.8
1.3
1.0
0.9
0.8
0.6
82.0
1.8
1.3
1.0
0.9
0.8
0.6
100.0
1.6
1.0
0.8
0.6
0.5
0.5
120.0
1.6
1.0
0.8
0.6
150.0
0.9
0.8
0.6
0.5
180.0
0.9
0.8
0.6
0.5
220.0
0.9
0.6
0.5
270.0
0.9
0.6
0.5
330.0
0.7
0.5
0.4
390.0
0.7
0.5
470.0
0.5
0.5
560.0
0.5
0.5
680.0
0.3
820.0
0.3
1000.0
0.12
1200.0
0.12
Cap
µF
6
Volt
10
Volt
15
Volt
20
Volt
35
Volt
50
Volt
5.6
0.300
6.8
0.275
8.2
0.250
0.250
10.0
0.230
0.230
12.0
0.210
0.210
15.0
0.190
0.190
18.0
0.175
0.175
22.0
0.160
0.160
27.0
0.145
0.145
33.0
0.130
0.130
39.0
0.120
0.120
47.0
0.110
0.110
56.0
0.100
0.100
68.0
0.095
0.095
82.0
0.085
0.085
0.085
100.0
0.075
0.075
0.075
120.0
0.070
0.070
150.0
0.065
0.065
180.0
0.060
0.060
220.0
0.055
0.055
270.0
0.050
330.0
0.045
T110 Herm Seal LOW ESR (OHMS) at 100 kHz @ +25º C
The ESR values provided below may be ordered using
KEMET Customer Specification 2864.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com