Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JD Datasheet(PDF) 33 Page - Kemet Corporation

Part # CSR91B565JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JD Datasheet(HTML) 33 Page - Kemet Corporation

Back Button CSR91B565JD Datasheet HTML 29Page - Kemet Corporation CSR91B565JD Datasheet HTML 30Page - Kemet Corporation CSR91B565JD Datasheet HTML 31Page - Kemet Corporation CSR91B565JD Datasheet HTML 32Page - Kemet Corporation CSR91B565JD Datasheet HTML 33Page - Kemet Corporation CSR91B565JD Datasheet HTML 34Page - Kemet Corporation CSR91B565JD Datasheet HTML 35Page - Kemet Corporation CSR91B565JD Datasheet HTML 36Page - Kemet Corporation CSR91B565JD Datasheet HTML 37Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
KEMET T262 SERIES
MIL-PRF-39003/09 (CSR21) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
MAX. RIPPLE
KEMET
CAPACITANCE
LEAKAGE
FACTOR
MAX. ESR
CURRENT
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
µA@25°C
%@25°C,
Ω@25°C,
Arms@25°C
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
MAX.
1 kHz
100 kHz
40 kHz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
PART NUMBER
35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C
22.0
C
5
4.0
4
.160
2.1
0053 0153 0253 0353 2053 3053 4053 T262C226J035(1)S
22.0
C
10
4.0
4
.160
2.1
0054 0154 0254 0354 2054 3054 4054 T262C226K035(1)S
22.0
C
20
4.0
4
.160
2.1
0055 0155 0255 0355 2055 3055 4055 T262C226M035(1)S
27.0
D
5
4.5
4
.145
2.4
0056 0156 0256 0356 2056 3056 4056 T262D276J035(1)S
27.0
D
10
4.5
4
.145
2.4
0057 0157 0257 0357 2057 3057 4057 T262D276K035(1)S
33.0
D
5
5.5
5
.130
2.5
0058 0158 0258 0358 2058 3058 4058 T262D336J035(1)S
33.0
D
10
5.5
5
.130
2.5
0059 0159 0259 0359 2059 3059 4059 T262D336K035(1)S
33.0
D
20
5.5
5
.130
2.5
0060 0160 0260 0360 2060 3060 4060 T262D336M035(1)S
39.0
D
5
7.0
5
.120
2.6
0061 0161 0261 0361 2061 3061 4061 T262D396J035(1)S
39.0
D
10
7.0
5
.120
2.6
0062 0162 0262 0362 2062 3062 4062 T262D396K035(1)S
47.0
D
5
8.0
5
.110
2.7
0063 0163 0263 0363 2063 3063 4063 T262D476J035(1)S
47.0
D
10
8.0
5
.110
2.7
0064 0164 0264 0364 2064 3064 4064 T262D476K035(1)S
47.0
D
20
8.0
5
.110
2.7
0065 0165 0265 0365 2065 3065 4065 T262D476M035(1)S
50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C
5.6
C
5
2.2
3
.300
1.5
0066 0166 0266 0366 2066 3066 4066 T262C565J050(1)S
5.6
C
10
2.2
3
.300
1.5
0067 0167 0267 0367 2067 3067 4067 T262C565K050(1)S
6.8
C
5
2.2
3
.275
1.6
0068 0168 0268 0368 2068 3068 4068 T262C685J050(1)S
6.8
C
10
2.2
3
.275
1.6
0069 0169 0269 0369 2069 3069 4069 T262C685K050(1)S
6.8
C
20
2.2
3
.275
1.6
0070 0170 0270 0370 2070 3070 4070 T262C685M050(1)S
8.2
C
5
2.5
3
.250
1.6
0071 0171 0271 0371 2071 3071 4071 T262C825J050(1)S
8.2
C
10
2.5
3
.250
1.6
0072 0172 0272 0372 2072 3072 4072 T262C825K050(1)S
10.0
C
5
2.5
3
.230
1.7
0073 0173 0273 0373 2073 3073 4073 T262C106J050(1)S
10.0
C
10
2.5
3
.230
1.7
0074 0174 0274 0374 2074 3074 4074 T262C106K050(1)S
10.0
C
20
2.5
3
.230
1.7
0075 0175 0275 0375 2075 3075 4075 T262C106M050(1)S
12.0
C
5
3.0
3
.210
1.8
0076 0176 0276 0376 2076 3076 4076 T262C126J050(1)S
12.0
C
10
3.0
3
.210
1.8
0077 0177 0277 0377 2077 3077 4077 T262C126K050(1)S
15.0
C
5
4.0
3
.190
1.9
0078 0178 0278 0378 2078 3078 4078 T262C156J050(1)S
15.0
C
10
4.0
3
.190
1.9
0079 0179 0279 0379 2079 3079 4079 T262C156K050(1)S
15.0
C
20
4.0
3
.190
1.9
0080 0180 0280 0380 2080 3080 4080 T262C156M050(1)S
18.0
C
5
4.5
4
.175
2.0
0081 0181 0281 0381 2081 3081 4081 T262C186J050(1)S
18.0
C
10
4.5
4
.175
2.0
0082 0182 0282 0382 2082 3082 4082 T262C186K050(1)S
22.0
D
5
5.5
4
.160
2.3
0083 0183 0283 0383 2083 3083 4083 T262D226J050(1)S
22.0
D
10
5.5
4
.160
2.3
0084 0184 0284 0384 2084 3084 4084 T262D226K050(1)S
22.0
D
20
5.5
4
.160
2.3
0085 0185 0285 0385 2085 3085 4085 T262D226M050(1)S
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T262 (CSR21) SERIES
36
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/9D
EXPONENTIAL
MIL-PRF-39003/9D
GRADED
(1) To complete the T262 Series Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com