Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JD Datasheet(PDF) 24 Page - Kemet Corporation

Part # CSR91B565JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JD Datasheet(HTML) 24 Page - Kemet Corporation

Back Button CSR91B565JD Datasheet HTML 20Page - Kemet Corporation CSR91B565JD Datasheet HTML 21Page - Kemet Corporation CSR91B565JD Datasheet HTML 22Page - Kemet Corporation CSR91B565JD Datasheet HTML 23Page - Kemet Corporation CSR91B565JD Datasheet HTML 24Page - Kemet Corporation CSR91B565JD Datasheet HTML 25Page - Kemet Corporation CSR91B565JD Datasheet HTML 26Page - Kemet Corporation CSR91B565JD Datasheet HTML 27Page - Kemet Corporation CSR91B565JD Datasheet HTML 28Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
KEMET T140
MIL-PRF-39003 (CSR23) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C
8.2
A
10, 20
T140A825(1)006AS
0.9
6
10.0
A
10
T140A106K006AS
0.9
6
0101 0201 0301 0401 2001 3001 4001 T242A106K006(2)S
10.0
A
20
T140A106M006AS
0.9
6
0102 0202 0302 0402 2002 3002 4002 T242A106M006(2)S
12.0
A
10
T140A126K006AS
1.0
6
0103 0203 0303 0403 2003 3003 4003 T242A126K006(2)S
12.0
A
20
T140A126M006AS
1.0
6
68.0
B
10, 20
T140B686(1)006AS
3.0
6
82.0
B
10, 20
T140B826(1)006AS
3.0
6
100.0
B
10
T140B107K006AS
6.0
6
0104 0204 0304 0404 2004 3004 4004 T242B107K006(2)S
100.0
B
20
T140B107M006AS
6.0
6
0105 0205 0305 0405 2005 3005 4005 T242B107M006(2)S
220.0
C
10, 20
T140C227(1)006AS
10.0
8
270.0
C
10, 20
T140C277(1)006AS
10.0
8
330.0
C
10
T140C337K006AS
10.0
8
0106 0206 0306 0406 2006 3006 4006 T242C337K006(2)S
330.0
C
20
T140C337M006AS
10.0
8
0107 0207 0307 0407 2007 3007 4007 T242C337M006(2)S
390.0
C
10
T140C397K006AS
10.0
10
0108 0208 0308 0408 2008 3008 4008 T242C397K006(2)S
390.0
C
20
T140C397M006AS
10.0
10
470.0
C
10
T140C477K006AS
10.0
10
0109 0209 0309 0409 2009 3009 4009 T242C477K006(2)S
470.0
C
20
T140C477M006AS
10.0
10
0110 0210 0310 0410 2010 3010 4010 T242C477M006(2)S
560.0
D
10, 20
T140D567(1)006AS
20.0
10
680.0
D
10
T140D687K006AS
20.0
10
0111 0211 0311 0411 2011 3011 4011 T242D687K006(2)S
680.0
D
20
T140D687M006AS
20.0
10
0112 0212 0312 0412 2012 3012 4012 T242D687M006(2)S
820.0
D
10
T140D827K006AS
20.0
10
0113 0213 0313 0413 2013 3013 4013 T242D827K006(2)S
820.0
D
20
T140D827M006AS
20.0
10
1000.0
D
10
T140D108K006AS
20.0
10
0114 0214 0314 0414 2014 3014 4014 T242D108K006(2)S
1000.0
D
20
T140D108M006AS
20.0
10
0115 0215 0315 0415 2015 3015 4015 T242D108M006(2)S
1200.0
D
20
T140D128M006AS
20.0
10
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
27
KEMET standard MIL case hermetically sealed T140 Series
(Extended Capacitance Range) are compact, ruggedly built, designed
for miniturized circuitry, and are especially suited for coupling, bypass,
filtering and R-C timing circuits. They exhibit excellent stability, low DC
leakage current, dissipation factor, and ESR/impedance over a wide
temperature and frequency range.
Available in standard EIA capacitance values from .82-1200 µF in
±20%, ±10%, and ±5% tolerances and working voltages from 6-60
VDC.
Included in the following Series table is a complete listing of CSR23
qualified MIL-C-39003/3 capacitors.
CAPACITOR OUTLINE DRAWINGS
DIMENSIONS — INCHES & (MILLIMETERS)
UNINSULATED
INSULATED
DLDL
B
CASE
±0.005
±0.031
±0.010
±0.031
±0.002
C
SIZE
±(.13)
±(.79)
±(.25)
±(.79)
±(.05)
MAX.
A
0.125
0.250
0.135
0.286
0.020
0.422
(3.18)
(6.35)
(3.43)
(7.26)
(.51)
(10.72)
B
0.175
0.438
0.185
0.474
0.020
0.610
(4.45)
(11.13)
(4.70)
(12.04)
(.51)
(15.49)
C
0.279
0.650
0.289
0.686
0.025
0.822
(7.09)
(16.51)
(7.34)
(17.42)
(.64)
(20.88)
D
0.341
0.750
0.351
0.786
0.025
0.922
(8.66)
(19.05)
(8.92)
(19.96)
(.64)
(23.42)
MARKING INFORMATION*
* For Military Marking, see page 4.
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/3F
EXPONENTIAL
MIL-PRF-39003/3F
GRADED
(1) To complete T140 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T242 Series Part Number, insert Failure Rate Symbol in the 13th Character.
Bold Face lines indicate popular part types and values.
For ordering information, see page 4 (Military) and Page 6.
D
B
1.50
±.250
(38.10
±6.35)
1.50
±.250
(38.10
±6.35)
L
C
+
+K 10%
5R6 µF
10V
0312
Polarity, Manufacturer’s Identification and Capacitance Tol.
Normal Capacitance — (µF) (“R” indicates decimal)
Voltage
Date Code (e.g.: (0312)
A, B, C & D CASES
Effective September 30, 2005, the KEMET T140 Series
is RoHS compliant by ordering the "T" (100% tin) end
termination in the 14th position of the part number.
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T140 SERIES — POLAR TYPE & T242 (CSR23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com