Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JD Datasheet(PDF) 35 Page - Kemet Corporation

Part # CSR91B565JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JD Datasheet(HTML) 35 Page - Kemet Corporation

Back Button CSR91B565JD Datasheet HTML 30Page - Kemet Corporation CSR91B565JD Datasheet HTML 31Page - Kemet Corporation CSR91B565JD Datasheet HTML 32Page - Kemet Corporation CSR91B565JD Datasheet HTML 33Page - Kemet Corporation CSR91B565JD Datasheet HTML 34Page - Kemet Corporation CSR91B565JD Datasheet HTML 35Page - Kemet Corporation CSR91B565JD Datasheet HTML 36Page - Kemet Corporation CSR91B565JD Datasheet HTML 37Page - Kemet Corporation CSR91B565JD Datasheet HTML 38Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T216 (CSS13) & T256 (CSS33) SERIES
38
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
MIL-PRF-39003/10 ORDERING INFORMATION
M39003/10 — 3078S
Military Specification
Document Number
Slash Sheet Number
S — designates sleeved
U — designates unsleeved
MIL dash number signifies
capacitance, voltage and failure
rate (see ratings and part number
tables).
Military specification number
Specification sheet number and trademark
Military dash number and “S” for sleeved
Polarity, “J” for JAN date code (1st digit indicates year
and the next two digits indicate the week
Lot, unique lot code
39003
10 - K
3078S
+J310
XYA
A CASE
M39003
10 -
3082SJ
31433
+310
NABK
Military specification number
Specification sheet number
Military dash number and “J” for JAN
Source code
Polarity, date code (1st digit indicates year and the next two digits indicate the week
Lot code, unique lot code and trademark.
B CASE
MARKING INFORMATION
M39003
10-2049SJ
+6.8 µF
10% 35V
31433
0310 NAB K
Military specification number
Specification sheet number, military dash number
and “J” for Jan.
Positive terminal identifier and capacitance value
Capacitance tolerance and voltage rating
Source code
Date code, lot code, unique lot code, and trademark
C & D CASE
T216/(CSS13)
RATINGS & PART NUMBER REFERENCE
(1) To complete, insert S for sleeved or U for unsleeved, if “U” ordered also use C-0100.
NOTE: Marking will include S or U after the MIL dash number, a
third letter following lot symbol or lot code designates a unique lot
identifier, and a black band on negative end of case.
Black band on negative end.
BC
(0.1)
(0.01)
5.6
A
T216A565K006CS
0.3
6.0
7.5
4
4
0.90
2001(1)
3001(1)
6.8
A
T216A685K006CS
0.3
6.0
7.5
6
6
0.80
2002(1)
3002(1)
47.0
B
T216B476K006CS
1.5
24.0
30.0
6
6
0.24
2003(1)
3003(1)
56.0
B
T216B566K006CS
1.5
24.0
30.0
6
6
0.24
3004(1)
3004(1)
150.0
C
T216C157K006CS
4.5
90.0
113.0
8
8
0.09
2005(1)
3005(1)
180.0
C
T216C187K006CS
5.5
110.0
138.0
8
8
0.08
3206(1)
3006(1)
270.0
D
T216D277K006CS
6.5
130.0
163.0
8
8
0.07
2007(1)
3007(1)
330.0
D
T216D337K006CS
7.5
150.0
188.0
8
8
0.06
2008(1)
3008(1)
3.9
A
T216A395K010CS
0.3
6.0
7.5
4
4
1.00
2009(1)
3009(1)
4.7
A
T216A475K010CS
0.4
7.0
8.8
4
4
0.90
2010(1)
3010(1)
27.0
B
T216B276K010CS
2.0
40.0
50.0
6
6
0.25
2011(1)
3011(1)
33.0
B
T216B336K010CS
2.5
50.0
63.0
6
6
0.24
2012(1)
3012(1)
39.0
B
T216B396K010CS
2.5
50.0
63.0
6
6
0.24
2013(1)
3013(1)
82.0
C
T216C826K010CS
4.0
80.0
100.0
6
6
0.12
2014(1)
3014(1)
100.0
C
T216C107K010CS
5.0
100.0
125.0
8
8
0.11
2015(1)
3015(1)
120.0
C
T216C127K010CS
6.0
120.0
150.0
8
8
0.10
2016(1)
3016(1)
180.0
D
T216D187K010CS
9.0
180.0
226.0
8
8
0.08
2017(1)
3017(1)
220.0
D
T216D227K010CS
10.0
200.0
250.0
8
8
0.07
2018(1)
3018(1)
% @ -55°C
+25°C MAX.
MAX.
ESR Ω
@ 25°C,
100 kHz
KEMET T216 SERIES
µA
@ +85°
MAX.
µA @
+125°
MAX.
DC LEAKAGE
CASE
SIZE
KEMET EQUIVALENT
PART NUMBER FOR
CSS13 CAPACITORS
MIL-PRF-39003/10 GRADED
DASH NUMBER REFERENCE
10 VOLT RATING AT 85° C
6 VOLT RATING AT 85° C
CAPACI-
TANCE
µF
FAILURE RATE LEVEL (%/1000 HRS)
% @ -85°C
+125°C MAX.
µA
@ +25°
MAX.
MIL-PRF-39003 (CSS13) CAPACITORS
MAX. DISSIPATION FACTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com