Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JD Datasheet(PDF) 26 Page - Kemet Corporation

Part # CSR91B565JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JD Datasheet(HTML) 26 Page - Kemet Corporation

Back Button CSR91B565JD Datasheet HTML 22Page - Kemet Corporation CSR91B565JD Datasheet HTML 23Page - Kemet Corporation CSR91B565JD Datasheet HTML 24Page - Kemet Corporation CSR91B565JD Datasheet HTML 25Page - Kemet Corporation CSR91B565JD Datasheet HTML 26Page - Kemet Corporation CSR91B565JD Datasheet HTML 27Page - Kemet Corporation CSR91B565JD Datasheet HTML 28Page - Kemet Corporation CSR91B565JD Datasheet HTML 29Page - Kemet Corporation CSR91B565JD Datasheet HTML 30Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T140 SERIES — POLAR TYPE & T242 (CSR23)
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
29
KEMET T140
MIL-PRF-39003 (CSR23) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C
2.7
A
10
T140A275K020AS
0.8
4
0146 0246 0346 0446 2046 3046 4046 T242A275K020(2)S
2.7
A
20
T140A275M020AS
0.8
4
3.3
A
10
T140A335K020AS
1.0
4
0147 0247 0347 0447 2047 3047 4047 T242A335K020(2)S
3.3
A
20
T140A335M020AS
1.0
4
0148 0248 0348 0448 2048 3048 4048 T242A335M020(2)S
3.9
A
10
T140A395K020AS
1.2
4
0149 0249 0349 0449 2049 3049 4049 T242A395K020(2)S
3.9
A
20
T140A395M020AS
1.2
4
18.0
B
10
T140B186K020AS
3.0
6
0150 0250 0350 0450 2050 3050 4050 T242B186K020(2)S
18.0
B
20
T140B186M020AS
3.0
6
22.0
B
10
T140B226K020AS
3.0
6
0151 0251 0351 0451 2051 3051 4051 T242B226K020(2)S
22.0
B
20
T140B226M020AS
3.0
6
0152 0252 0352 0452 2052 3052 4052 T242B226M020(2)S
27.0
B
10
T140B276K020AS
4.0
6
0153 0253 0353 0453 2053 3053 4053 T242B276K020(2)S
27.0
B
20
T140B276M020AS
4.0
6
56.0
C
10
T140C566K020AS
7.0
6
0154 0254 0354 0454 2054 3054 4054 T242C566K020(2)S
56.0
C
20
T140C566M020AS
7.0
6
68.0
C
10
T140C686K020AS
8.0
6
0155 0255 0355 0455 2055 3055 4055 T242C686K020(2)S
68.0
C
20
T140C686M020AS
8.0
6
0156 0256 0356 0456 2056 3056 4056 T242C686M020(2)S
82.0
C
10
T140C826K020AS
10.0
6
0157 0257 0357 0457 2057 3057 4057 T242C826K020(2)S
82.0
C
20
T140C826M020AS
10.0
6
100.0
C
10
T140C107K020AS
12.0
6
0158 0258 0358 0458 2058 3058 4058 T242C107K020(2)S
100.0
C
20
T140C107M020AS
12.0
6
0159 0259 0359 0459 2059 3059 4059 T242C107M020(2)S
120.0
C
10
T140C127K020AS
12.0
6
0160 0260 0360 0460 2060 3060 4060 T242C127K020(2)S
120.0
C
20
T140C127M020AS
12.0
6
150.0
D
10
T140D157K020AS
15.0
8
0161 0261 0361 0461 2061 3061 4061 T242D157K020(2)S
150.0
D
20
T140D157M020AS
15.0
8
0162 0262 0362 0462 2062 3062 4062 T242D157M020(2)S
180.0
D
10
T140D187K020AS
15.0
8
0163 0263 0363 0463 2063 3063 4063 T242D187K020(2)S
180.0
D
20
T140D187M020AS
15.0
8
30 VOLT RATING AT 85°C — 20 VOLT RATING AT 125°C
1.2
A
10, 20
T140A125(1)030AS
1.0
4
1.5
A
10, 20
T140A155(1)030AS
1.0
4
1.8
A
10, 20
T140A185(1)030AS
1.0
4
2.2
A
10, 20
T140A225(1)030AS
1.0
4
2.7
A
10, 20
T140A275(1)030AS
1.0
4
12.0
B
10, 20
T140B126(1)030AS
3.0
4
15.0
B
10, 20
T140B156(1)030AS
3.0
4
18.0
B
10, 20
T140B186(1)030AS
3.0
4
33.0
C
10, 20
T140C336(1)030AS
6.0
6
39.0
C
10, 20
T140C396(1)030AS
6.0
6
47.0
C
10, 20
T140C476(1)030AS
7.0
6
56.0
C
10, 20
T140C566(1)030AS
7.0
6
68.0
C
10, 20
T140C686(1)030AS
7.0
6
82.0
D
10, 20
T140D826(1)030AS
10.0
6
100.0
D
10, 20
T140D107(1)030AS
10.0
8
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/3F
EXPONENTIAL
MIL-PRF-39003/3F
GRADED
(1) To complete T140 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T242 Series Part Number, insert Failure Rate Symbol in the 13th Character.
Bold Face lines indicate popular part types and values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com