Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JD Datasheet(PDF) 36 Page - Kemet Corporation

Part # CSR91B565JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JD Datasheet(HTML) 36 Page - Kemet Corporation

Back Button CSR91B565JD Datasheet HTML 30Page - Kemet Corporation CSR91B565JD Datasheet HTML 31Page - Kemet Corporation CSR91B565JD Datasheet HTML 32Page - Kemet Corporation CSR91B565JD Datasheet HTML 33Page - Kemet Corporation CSR91B565JD Datasheet HTML 34Page - Kemet Corporation CSR91B565JD Datasheet HTML 35Page - Kemet Corporation CSR91B565JD Datasheet HTML 36Page - Kemet Corporation CSR91B565JD Datasheet HTML 37Page - Kemet Corporation CSR91B565JD Datasheet HTML 38Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T216 (CSS13) & T256 (CSS33) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
39
RATINGS & PART NUMBER REFERENCE T216/(CSS13) (Cont’d)
(1) To complete, insert S for sleeved or U for unsleeved, if “U” ordered also use C-0100.
BC
(0.1)
(0.01)
2.7
A
T216A275K015CS
0.3
6.0
7.5
4
4
1.20
2019(1)
3019(1)
3.3
A
T216A335K015CS
0.4
8.0
10.0
4
4
1.00
2020(1)
3020(1)
18.0
B
T216B186K015CS
2.0
35.0
44.0
6
6
0.27
2021(1)
3021(1)
22.0
B
T216B226K015CS
2.0
40.0
50.0
6
6
0.26
2022(1)
3022(1)
56.0
C
T216C566K015CS
4.0
80.0
100.0
6
6
0.15
2023(1)
3023(1)
68.0
C
T216C686K015CS
5.0
100.0
125.0
6
6
0.13
2024(1)
3024(1)
120.0
D
T216D127K015CS
9.0
180.0
226.0
8
8
0.09
2025(1)
3025(1)
150.0
D
T216D157K015CS
10.0
220.0
250.0
8
8
0.09
2026(1)
3026(1)
1.2
A
T216A125K020CS
0.3
6.0
7.5
4
4
1.40
2027(1)
3027(1)
1.5
A
T216A155K020CS
0.3
6.0
7.5
4
4
1.30
2028(1)
3028(1)
1.8
A
T216A185K020CS
0.3
6.0
7.5
4
4
1.25
2029(1)
3029(1)
2.2
A
T216A225K020CS
0.4
8.0
10.0
4
4
1.20
2030(1)
3030(1)
8.2
B
T216B825K020CS
1.0
20.0
25.0
6
6
0.39
2031(1)
3031(1)
10.0
B
T216B106K020CS
1.5
30.0
38.0
6
6
0.35
2032(1)
3032(1)
12.0
B
T216B126K020CS
1.8
35.0
44.0
6
6
0.32
2033(1)
3033(1)
15.0
B
T216B156K020CS
2.0
40.0
50.0
6
6
0.29
2034(1)
3034(1)
27.0
C
T216C276K020CS
2.5
50.0
63.0
6
6
0.21
2035(1)
3035(1)
33.0
C
T216C336K020CS
3.5
70.0
88.0
6
6
0.19
2036(1)
3036(1)
39.0
C
T216C396K020CS
4.0
80.0
100.0
6
6
0.17
2037(1)
3037(1)
47.0
C
T216C476K020CS
4.5
90.0
113.0
6
6
0.16
2038(1)
3038(1)
56.0
D
T216D566K020BS
5.5
110.0
138.0
6
6
0.13
2039(1)
3039(1)
68.0
D
T216D686K020BS
7.0
140.0
175.0
6
6
0.12
2040(1)
3040(1)
82.0
D
T216D826K020BS
8.0
160.0
200.0
6
6
0.11
2041(1)
3041(1)
100.0
D
T216D107K020BS
10.0
200.0
250.0
8
8
0.10
2042(1)
3042(1)
5.6
B
T216B565K035BS
1.3
25.0
32.0
4
4
0.47
2043(1)
3043(1)
6.8
B
T216B685K035BS
1.5
30.0
38.0
6
6
0.43
2044(1)
3044(1)
22.0
C
T216C226K035BS
4.0
40.0
100.0
6
6
0.25
2045(1)
3045(1)
27.0
D
T216D276K035BS
4.5
90.0
113.0
6
6
0.18
2046(1)
3046(1)
33.0
D
T216D336K035BS
5.5
110.0
138.0
6
6
0.17
2047(1)
3047(1)
39.0
D
T216D396K035BS
7.0
140.0
175.0
6
6
0.15
2048(1)
3048(1)
47.0
D
T216D476K035BS
8.0
160.0
200.0
6
6
0.14
2049(1)
3049(1)
0.12
A
T216A124K050CS
0.3
5.0
6.3
2
4
6.50
2067(1)
3067(1)
0.15
A
T216A154K050CS
0.3
5.0
6.3
2
4
5.50
2068(1)
3068(1)
0.18
A
T216A184K050CS
0.3
5.0
6.3
2
4
5.00
2069(1)
3069(1)
0.22
A
T216A224K050CS
0.3
5.0
6.3
2
4
4.00
2070(1)
3070(1)
0.27
A
T216A274K050CS
0.3
5.0
6.3
2
4
3.50
2071(1)
3071(1)
0.33
A
T216A334K050CS
0.3
5.0
6.3
2
4
3.30
2072(1)
3072(1)
0.39
A
T216A394K050CS
0.3
5.0
6.3
2
4
3.20
2073(1)
3073(1)
0.47
A
T216A474K050CS
0.3
5.0
6.3
2
4
3.00
2074(1)
3074(1)
0.56
A
T216A564K050CS
0.3
5.0
6.3
2
4
2.50
2075(1)
3075(1)
0.68
A
T216A684K050CS
0.3
5.0
6.3
2
4
1.80
2076(1)
3076(1)
0.82
A
T216A824K050CS
0.3
5.0
6.3
2
4
1.60
2077(1)
3077(1)
1.0
A
T216A105K050CS
0.4
8.0
10.0
2
4
1.40
2078(1)
3078(1)
1.2
B
T216B125K050CS
0.4
9.0
11.0
4
4
1.20
2079(1)
3079(1)
1.5
B
T216B155K050CS
0.6
12.0
15.0
4
4
1.10
2080(1)
3080(1)
1.8
B
T216B185K050CS
0.7
14.0
18.0
4
4
0.92
2081(1)
3081(1)
2.2
B
T216B225K050CS
0.8
17.0
22.0
4
4
0.80
2082(1)
3082(1)
2.7
B
T216B275K050CS
1.0
20.0
25.0
4
4
0.68
2083(1)
3083(1)
3.3
B
T216B335K050CS
1.2
25.0
32.0
4
4
0.62
2084(1)
3084(1)
3.9
B
T216B395K050CS
1.5
30.0
38.0
4
4
0.56
2085(1)
3085(1)
4.7
B
T216B475K050CS
1.7
35.0
44.0
4
4
0.51
2086(1)
3086(1)
5.6
C
T216C565K050CS
2.2
45.0
56.0
4
4
0.44
2087(1)
3087(1)
6.8
C
T216C685K050CS
2.2
45.0
56.0
6
6
0.40
2088(1)
3088(1)
8.2
C
T216C825K050CS
2.5
50.0
63.0
6
6
0.36
2089(1)
3089(1)
10.0
C
T216C106K050CS
2.5
50.0
63.0
6
6
0.33
2090(1)
3090(1)
12.0
C
T216C126K050BS
3.0
60.0
75.0
6
6
0.30
2091(1)
3091(1)
15.0
C
T216C156K050BS
4.0
80.0
100.0
6
6
0.27
2092(1)
3092(1)
18.0
C
T216C186K050BS
4.5
90.0
113.0
6
6
0.25
2093(1)
3093(1)
22.0
D
T216D226K050BS
5.5
100.0
138.0
6
6
0.20
2094(1)
3094(1)
KEMET EQUIVALENT
PART NUMBER FOR
CSS13 CAPACITORS
35 VOLT RATING AT 85° C
50 VOLT RATING AT 85° C
MIL-PRF-39003/10 GRADED
DASH NUMBER REFERENCE
20 VOLT RATING AT 85° C
15 VOLT RATING AT 85° C
CAPACI-
TANCE
µF
FAILURE RATE LEVEL (%/1000 HRS)
% @ -85°C
+125°C MAX.
µA
@ +25°
MAX.
MIL-PRF-39003 (CSS13) CAPACITORS
MAX. DISSIPATION FACTOR
% @ -55°C
+25°C MAX.
MAX.
ESR Ω
@ 25°C,
100 kHz
KEMET T216 SERIES
µA
@ +85°
MAX.
µA
@ +125°
MAX.
DC LEAKAGE
CASE
SIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com