Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JD Datasheet(PDF) 28 Page - Kemet Corporation

Part # CSR91B565JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JD Datasheet(HTML) 28 Page - Kemet Corporation

Back Button CSR91B565JD Datasheet HTML 24Page - Kemet Corporation CSR91B565JD Datasheet HTML 25Page - Kemet Corporation CSR91B565JD Datasheet HTML 26Page - Kemet Corporation CSR91B565JD Datasheet HTML 27Page - Kemet Corporation CSR91B565JD Datasheet HTML 28Page - Kemet Corporation CSR91B565JD Datasheet HTML 29Page - Kemet Corporation CSR91B565JD Datasheet HTML 30Page - Kemet Corporation CSR91B565JD Datasheet HTML 31Page - Kemet Corporation CSR91B565JD Datasheet HTML 32Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T252 (CSR33) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
31
Available from 1.2 µF to 1000 µF, 6VDC to 50 VDC, these
high capacitance-to-volume ratio, hermetically sealed
solid tantalum capacitors are offered in standard MIL style
A, B, C, and D cases. They meet or exceed the environ-
mental and mechanical requirements of MIL-C-39003.
Designed to operate from -55°C to +125°C, they exhibit
exceptionally low DC leakage, dissipation factor and
impedance characteristics. They are ideal for coupling,
bypass, filtering and timing circuits, and are excellent
substitutes for wet tantalums in low voltage applications.
They are available in style CSR33 (T252 Series) per MIL-
PRF-39003/06.
CAPACITOR OUTLINE DRAWINGS
D
B
1.50
±.250
(38.10
±6.35)
1.50
±.250
(38.10
±6.35)
L
C
+
DIMENSIONS — INCHES & (MILLIMETERS)
UNINSULATED
INSULATED
DLDL
BC
CASE
±0.005
±0.031
±0.010
±0.031
±0.002
MAX.
SIZE
(±.13)
(±.79)
(±.25)
(±.79)
(±.05)
A
0.125 (3.18)
0.250 (6.35)
0.135 (3.43)
0.286 (7.26)
0.020 (.51)
0.422 (10.72)
B
0.175 (4.45)
0.438 (11.13)
0.185 (4.70)
0.474 (12.04)
0.020 (.51)
0.610 (15.49)
C
0.279 (7.09)
0.650 (16.51)
0.289 (7.34)
0.686 (17.42)
0.025 (.64)
0.822 (20.88)
D
0.341 (8.66)
0.750 (19.05)
0.351 (8.92)
0.786 (19.96)
0.025 (.64)
0.922 (23.42)
ORDERING INFORMATION
T
252
A
125
K
050
M
S
C*
TANTALUM
SERIES
252 — CSR33
CASE SIZE
A / B / C / D
PICOFARAD CODE
First two digits represent significant figures.
3rd digit specifies no. of zeros to follow.
CAP. TOLERANCE
M — ±20%
K — ±10%
J — ±5%
SPECIFICATION
All capacitors are sleeved unless
specified.
LEAD MATERIAL
S — Standard
FAILURE RATE**
GRADED
EXPONENTIAL
B — 0.1%/k hrs.
M — 1%/k hrs.
C — 0.01%/k hrs.
P — 0.1%/k hrs.
D — 0.001%/k hrs.
R — 0.01%/k hrs.
S — 0.001%/k hrs.
VOLTAGE RATING
At 85°C
For Military Marking Information, see page 4.
*Part Number Example: T252A125K050MS (14 digits - no spaces)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com