Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR91B565JD Datasheet(PDF) 19 Page - Kemet Corporation

Part # CSR91B565JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JD Datasheet(HTML) 19 Page - Kemet Corporation

Back Button CSR91B565JD Datasheet HTML 15Page - Kemet Corporation CSR91B565JD Datasheet HTML 16Page - Kemet Corporation CSR91B565JD Datasheet HTML 17Page - Kemet Corporation CSR91B565JD Datasheet HTML 18Page - Kemet Corporation CSR91B565JD Datasheet HTML 19Page - Kemet Corporation CSR91B565JD Datasheet HTML 20Page - Kemet Corporation CSR91B565JD Datasheet HTML 21Page - Kemet Corporation CSR91B565JD Datasheet HTML 22Page - Kemet Corporation CSR91B565JD Datasheet HTML 23Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
KEMET T111 SERIES
MIL-PRF-39003 (CSR91) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
PART NUMBER
50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C (Cont’d)
0.016
A
20
T111A163M050AS
0.1
2
1187 1257 1327 1397 3090 4090 5090 T213A163M050(1)S
0.019
A
10
T111A193K050AS
0.1
2
1188 1258 1328 1398 3091 4091 5091 T213A193K050(1)S
0.023
A
10
T111A233K050AS
0.1
2
1189 1259 1329 1399 3092 4092 5092 T213A233K050(1)S
0.023
A
20
T111A233M050AS
0.1
2
1190 1260 1330 1400 3093 4093 5093 T213A233M050(1)S
0.028
A
10
T111A283K050AS
0.1
2
1191 1261 1331 1401 3094 4094 5094 T213A283K050(1)S
0.034
A
10
T111A343K050AS
0.1
2
1192 1262 1332 1402 3095 4095 5095 T213A343K050(1)S
0.034
A
20
T111A343M050AS
0.1
2
1193 1263 1333 1403 3096 4096 5096 T213A343M050(1)S
0.041
A
10
T111A413K050AS
0.1
2
1194 1264 1334 1404 3097 4097 5097 T213A413K050(1)S
0.05
A
10
T111A503K050AS
0.3
2
1195 1265 1335 1405 3098 4098 5098 T213A503K050(1)S
0.05
A
20
T111A503M050AS
0.3
2
1196 1266 1336 1406 3099 4099 5099 T213A503M050(1)S
0.06
A
10
T111A603K050AS
0.3
2
1197 1267 1337 1407 3100 4100 5100 T213A603K050(1)S
0.075
A
10
T111A753K050AS
0.3
2
1198 1268 1338 1408 3101 4101 5101 T213A753K050(1)S
0.075
A
20
T111A753M050AS
0.3
2
1199 1269 1339 1409 3102 4102 5102 T213A753M050(1)S
0.09
A
10
T111A903K050AS
0.3
2
1200 1270 1340 1410 3103 4103 5103 T213A903K050(1)S
0.11
A
10
T111A114K050AS
0.3
2
1201 1271 1341 1411 3104 4104 5104 T213A114K050(1)S
0.11
A
20
T111A114M050AS
0.3
2
1202 1272 1342 1412 3105 4105 5105 T213A114M050(1)S
0.13
A
10
T111A134K050AS
0.3
2
1203 1273 1343 1413 3106 4106 5106 T213A134K050(1)S
0.16
A
10
T111A164K050AS
0.3
2
1204 1274 1344 1414 3107 4107 5107 T213A164K050(1)S
0.16
A
20
T111A164M050AS
0.3
2
1205 1275 1345 1415 3108 4108 5108 T213A164M050(1)S
0.19
A
10
T111A194K050AS
0.3
2
1206 1276 1346 1416 3109 4109 5109 T213A194K050(1)S
0.23
A
10
T111A234K050AS
0.3
2
1207 1277 1347 1417 3110 4110 5110 T213A234K050(1)S
0.23
A
20
T111A234M050AS
0.3
2
1208 1278 1348 1418 3111 4111
5111 T213A234M050(1)S
0.28
A
10
T111A284K050AS
0.3
2
1209 1279 1349 1419 3112 4112 5112 T213A284K050(1)S
0.34
A
10
T111A344K050AS
0.3
2
1210 1280 1350 1420 3113 4113 5113 T213A344K050(1)S
0.34
A
20
T111A344M050AS
0.3
2
1211 1281 1351 1421 3114 4114 5114 T213A344M050(1)S
0.41
A
10
T111A414K050AS
0.3
2
0300 0520 0740 0960 3115 4115 5115 T213A414K050(1)S
0.5
A
10
T111A504K050AS
0.4
2
0301 0521 0741 0961 3116 4116 5116 T213A504K050(1)S
0.5
A
20
T111A504M050AS
0.4
2
0302 0522 0742 0962 3117 4117 5117 T213A504M050(1)S
0.6
B
10
T111B604K050AS
0.4
4
1212 1282 1352 1422 3118 4118 5118 T213B604K050(1)S
0.6
B
20
T111B604M050AS
0.4
4
0.75
B
10
T111B754K050AS
0.5
4
2001 2101 2201 2301 3119 4119 5119 T213B754K050(1)S
0.75
B
20
T111B754M050AS
0.5
4
2002 2102 2202 2302 3120 4120 5120 T213B754M050(1)S
0.9
B
10
T111B904K050AS
0.5
4
1215 1285 1355 1425 3121 4121 5121 T213B904K050(1)S
0.9
B
20
T111B904M050AS
0.5
4
1.1
B
10
T111B115K050AS
0.8
4
1216 1286 1356 1426 3122 4122 5122 T213B115K050(1)S
1.1
B
20
T111B115M050AS
0.8
4
1217 1287 1357 1427 3123 4123 5123 T213B115M050(1)S
1.3
B
10
T111B135K050AS
1.0
4
1218 1288 1358 1428 3124 4124 5124 T213B135K050(1)S
1.3
B
20
T111B135M050AS
1.0
4
1.6
B
10
T111B165K050AS
1.2
4
1219 1289 1359 1429 3125 4125 5125 T213B165K050(1)S
1.6
B
20
T111B165M050AS
1.2
4
1220 1290 1360 1430 3126 4126 5126 T213B165M050(1)S
1.9
B
10
T111B195K050AS
1.5
4
1221 1291 1361 1431 3127 4127 5127 T213B195K050(1)S
1.9
B
20
T111B195M050AS
1.5
4
2.3
B
10
T111B235K050AS
1.7
4
1222 1292 1362 1432 3128 4128 5128 T213B235K050(1)S
2.3
B
20
T111B235M050AS
1.7
4
1223 1293 1363 1433 3129 4129 5129 T213B235M050(1)S
2.8
C
10
T111C285K050AS
2.2
4
1224 1294 1364 1434 3130 4130 5130 T213C285K050(1)S
2.8
C
20
T111C285M050AS
2.2
4
3.4
C
10
T111C345K050AS
2.2
4
1225 1295 1365 1435 3131 4131 5131 T213C345K050(1)S
3.4
C
20
T111C345M050AS
2.2
4
1226 1296 1366 1436 3132 4132 5132 T213C345M050(1)S
4.1
C
10
T111C415K050AS
2.5
4
1227 1297 1367 1437 3133 4133 5133 T213C415K050(1)S
4.1
C
20
T111C415M050AS
2.5
4
5.0
C
10
T111C505K050AS
2.5
4
1228 1298 1368 1438 3134 4134 5134 T213C505K050(1)S
5.0
C
20
T111C505M050AS
2.5
4
1229 1299 1369 1439 3135 4135 5135 T213C505M050(1)S
6.0
C
10
T111C605K050AS
3.0
4
0303 0523 0743 0963 3136 4136 5136 T213C605K050(1)S
6.0
C
20
T111C605M050AS
3.0
4
7.5
C
10
T111C755K050AS
4.1
4
0304 0524 0744 0964 3137 4137 5137 T213C755K050(1)S
7.5
C
20
T111C755M050AS
4.1
4
0305 0525 0745 0965 3138 4138 5138 T213C755M050(1)S
9.0
C
10
T111C905K050AS
4.5
4
0306 0526 0746 0966 3139 4139 5139 T213C905K050(1)S
9.0
C
20
T111C905M050AS
4.5
4
11.0
D
10
T111D116K050AS
5.5
4
0307 0527 0747 0967 3140 4140 5140 T213D116K050(1)S
11.0
D
20
T111D116M050AS
5.5
4
0308 0528 0748 0968 3141 4141 5141 T213D116M050(1)S
75 VOLT RATING AT 85°C — 50 VOLT RATING AT 125°C
0.34
A
10
T111A344K075AS
0.3
2
0309 0529 0749 0969 3142 4142 5142 T213A344K075(1)S
0.34
A
20
T111A344M075AS
0.3
2
0310 0530 0750 0970 3143 4143 5143 T213A344M075(1)S
0.41
B
10
T111B414K075AS
0.3
2
2008 2108 2208 2308 3144 4144 5144 T213B414K075(1)S
0.5
B
10
T111B504K075AS
0.4
2
2009 2109 2209 2309 3145 4145 5145 T213B504K075(1)S
0.5
B
20
T111B504M075AS
0.4
2
2010 2110 2210 2310 3146 4146 5146 T213B504M075(1)S
0.6
B
10
T111B604K075AS
0.4
4
2011
2111 2211 2311 3147 4147 5147 T213B604K075(1)S
0.75
B
10
T111B754K075AS
0.6
4
2012 2112 2212 2312 3148 4148 5148 T213B754K075(1)S
0.75
B
20
T111B754M075AS
0.6
4
2013 2113 2213 2313 3149 4149 5149 T213B754M075(1)S
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T111 SERIES — NON-POLAR & T213 (CSR91)
22
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/4C
EXPONENTIAL
MIL-PRF-39003/4C
GRADED
(1) To complete T213 Series Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com