Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4284 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4284 Datasheet HTML 1Page - Infineon Technologies AG TLE4284 Datasheet HTML 2Page - Infineon Technologies AG TLE4284 Datasheet HTML 3Page - Infineon Technologies AG TLE4284 Datasheet HTML 4Page - Infineon Technologies AG TLE4284 Datasheet HTML 5Page - Infineon Technologies AG TLE4284 Datasheet HTML 6Page - Infineon Technologies AG TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TLE 4284
Data Sheet
3
Rev. 2.1, 2007-03-20
Figure 2
Pin Configuration (top view)
Table 1
Pin Definitions and Functions Fixed Output Voltage Versions
Pin No.
Symbol
Function
1GND
Ground
2, Tab
Q
Output; Connect output pin to GND via a capacitor
C
Q ≥ 10 µF
with ESR
≤ 10 Ω.
Connect to heatsink area.
3I
Input
Table 2
Pin Definitions and Functions Adjustable Output Version
Pin No.
Symbol
Function
1ADJ
Adjust; defines output voltage by external voltage divider
between Q, ADJ and GND.
2, Tab
Q
Output; the output voltage is defined by the external voltage
divider between Q, Adjust and Ground.
Connect the output pin to GND via a capacitor C
Q ≥ 10 µF
with ESR
≤ 10 Ω.
Connect to heatsink area.
3I
Input
AEP02817
GND
1
Q
I
Q
Fixed Output
AEP02821
ADJ
1
Q
I
Q
Voltage Version
Adjustable Output
Voltage Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com