Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4284 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4284 Datasheet HTML 3Page - Infineon Technologies AG TLE4284 Datasheet HTML 4Page - Infineon Technologies AG TLE4284 Datasheet HTML 5Page - Infineon Technologies AG TLE4284 Datasheet HTML 6Page - Infineon Technologies AG TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG TLE4284 Datasheet HTML 10Page - Infineon Technologies AG TLE4284 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TLE 4284
Data Sheet
7
Rev. 2.1, 2007-03-20
Power Supply Ripple
Rejection
PSRR
–65
–
dB
V
Q = 10 V, fr = 120 Hz,
V
r =0.5 VPP, CADJ = 0 µF
5)
–65
–
dB
V
Q = 10 V, fr = 120 Hz,
V
r =0.5 VPP, CADJ = 10 µF
5)
1)
V
REF = VQ – VADJ
2) Related to V
Q, measured at constant junction Temperature
3) Dropout voltage measured when the output voltage has dropped 100 mV from the nominal value
obtained at
V
Q =VREF.
4) Constant Junction Temperature
5) Not subject to production test - specified by design.
6) Minimum Output Current to maintain regulation
Table 6 Electrical Characteristics TLE 4284 DV15 (1.5 V fixed output voltage)
-40
°C< T
j <150 °C; VI =13.5V, IQ = 10 mA; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Output voltage
V
Q
1.45
1.5
1.55
V
10 mA
≤ I
Q ≤ 1000 mA;
2.9 V
≤ V
I ≤ 16 V
–1.5
–V
10 mA
≤ I
Q ≤ 1000 mA;
16 V
≤ V
I ≤ 40 V
1)
Line regulation
∆V
Q
–
4.8
22.5
mV
2.9 V
≤ V
I ≤ 40 V
Load regulation
∆V
Q
–
2.6
5.2
mV
10 mA
≤ I
Q ≤ 800 mA;
2)
V
I = VQnom + VDR
–
3.1
6.25
mV
10 mA
≤ I
Q ≤ 1.0 A
2)
V
I = VQnom + VDR
Dropout voltage
V
DR
–
1.00
1.20
V
I
Q =100 mA
3)
–
1.05
1.30
V
I
Q =500 mA
3)
–
1.10
1.35
V
I
Q =800 mA
3)
–
1.30
1.40
V
I
Q =1.0 A
3)
Current consumption
I
q = II – IQ
I
q
–0.8
1.6
mA
I
Q =10mA
Temperature stability
–
–
8.8
–
mV
4)
Table 5 Electrical Characteristics TLE 4284 DV (adjustable output voltage)
-40
°C< T
j <150 °C; VI - VQ = 13.5 V, IQ = 10 mA; unless otherwise specified
Parameter
Sym-
bol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com