Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4284 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4284 Datasheet HTML 1Page - Infineon Technologies AG TLE4284 Datasheet HTML 2Page - Infineon Technologies AG TLE4284 Datasheet HTML 3Page - Infineon Technologies AG TLE4284 Datasheet HTML 4Page - Infineon Technologies AG TLE4284 Datasheet HTML 5Page - Infineon Technologies AG TLE4284 Datasheet HTML 6Page - Infineon Technologies AG TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TLE 4284
Data Sheet
5
Rev. 2.1, 2007-03-20
Note: Within the operating range, the functions given in the circuit description are
fulfilled.
The values listed in the “Electrical Characteristics” tables are ensured over the
operating range of the integrated circuit unless otherwise specified. Typical
characteristics specify mean values expected over the production spread. If not
otherwise specified, typical characteristics apply at
T
A = 25 °C and the given
supply voltage.
Table 4
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input voltage
V
I
V
Qnom +
V
DR
40
V
–
Junction temperature
T
j
-40
150
°C–
Thermal Resistance
Junction ambient
R
thja
–
144
K/W
PG-TO252-3-11
footprint only
1)
–
78
K/W
PG-TO252-3-11
300 mm
2 heat sink
area
1)
–
54
K/W
PG-TO252-3-11
600 mm
2 heat sink
area
1)
Junction case
R
thjc
–4K/W
–
1) FR4, 80 x 80 x 1.5mm
2, 35µm Cu, 5µm Sn, horizontal position, zero airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com