Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4284 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4284 Datasheet HTML 2Page - Infineon Technologies AG TLE4284 Datasheet HTML 3Page - Infineon Technologies AG TLE4284 Datasheet HTML 4Page - Infineon Technologies AG TLE4284 Datasheet HTML 5Page - Infineon Technologies AG TLE4284 Datasheet HTML 6Page - Infineon Technologies AG TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG TLE4284 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
6
Rev. 2.1, 2007-03-20
TLE 4284
Table 5 Electrical Characteristics TLE 4284 DV (adjustable output voltage)
-40
°C< T
j <150 °C; VI - VQ = 13.5 V, IQ = 10 mA; unless otherwise specified
Parameter
Sym-
bol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Reference voltage
V
REF
1)
1.20
1.25
1.30
V
–
Line regulation
∆V
Q
–
0.5
1.50
%
2)
3 V
≤ (V
I – VQ) ≤ 40 V
Load regulation
∆V
Q
–0.2
0.4
%
2)
10 mA
≤ I
Q ≤ 800 mA;
4)
V
I = 3.0 V; VQ = VREF
–0.25
0.5
%
2)
10 mA
≤ I
Q ≤ 1.0 A;
4)
V
I = 3.0 V; VQ = VREF
Dropout voltage
V
DR
–1.00
1.20
V
I
Q = 100 mA
3)
–1.05
1.30
V
I
Q = 500 mA
3)
–1.10
1.35
V
I
Q = 800 mA
3)
–1.30
1.40
V
I
Q =1.0 A
3)
Current consumption
I
q = II – IQ
I
q
–
100
120
µA
I
Q =10mA;
Adjust current
I
ADJ
–75
120
µA
I
Q =10mA
Adjust current
change
∆I
ADJ
–2
5
µA
I
Q =10mA
3 V
≤ (V
I – VQ) ≤ 40 V
4)
–2
5
µA
10 mA
≤ I
Q ≤ 200 mA;
V
I - VQ = 3 V
4)
Temperature stability –
–
0.6
–
%
5)
Minimum
load current
6)
I
Q
–1
5mA
V
I < 40 V;
V
Q = VREF
Current limit
I
Qmax
1000 –
2200 mA
1.4V < V
I - VQ < 18V;
V
Q = Vnom -100 mV
50
200
–
mA
V
I = 40 V;
V
Q = Vnom -100 mV
T
j = 25 °C
RMS Output Noise
–
–
30
–
ppm
ppm of
V
Q; Tj = 25 °C;
10 Hz
≤ f ≤ 10kHz 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com