Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4284 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4284 Datasheet HTML 17Page - Infineon Technologies AG TLE4284 Datasheet HTML 18Page - Infineon Technologies AG TLE4284 Datasheet HTML 19Page - Infineon Technologies AG TLE4284 Datasheet HTML 20Page - Infineon Technologies AG TLE4284 Datasheet HTML 21Page - Infineon Technologies AG TLE4284 Datasheet HTML 22Page - Infineon Technologies AG TLE4284 Datasheet HTML 23Page - Infineon Technologies AG TLE4284 Datasheet HTML 24Page - Infineon Technologies AG TLE4284 Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TLE 4284
Data Sheet
21
Rev. 2.1, 2007-03-20
Application Hints
Adjustable Version
At the fixed voltage TLE 4284 devices, the output voltage is divided internally and
compared to an internal reference of 1.25 V typical. The regulation loop controls the
output voltage to achieve the output voltage of 5 V, 3.3 V, 2.6 V, 1.8V or 1.5V. The
variable version compares the voltage difference between the adjust pin ADJ and the
output pin Q to the internal reference of typically 1.25 V. The output voltage is adjusted
by an external voltage divider between Q, ADJ and GND and calculates:
For the variable regulator TLE 4284 DV, a minimum load current of 5 mA is necessary
in order to keep the output voltage regulated. If the application does not assure this
minimum load requirement, the output voltage divider should be dimensioned sufficiently
low-ohmic: R
1 ≤ 240 Ω.
For the variable voltage type an additional decoupling a capacitor
C
ADJ at the adjust pin
improves the ripple rejection ratios. Placing
C
ADJ requires
an increased output
capacitance of C
Q ≥22 µF.
Output
The output current limitation is reduced as a function of the input voltage for high input
voltages above 25 V.
The TLE 4284 requires a 10 µF output capacitor with 0.1
Ω ≤ ESR ≤ 10 Ω for the stability
of the regulation loop.
At the input of the regulator a capacitor is necessary for compensation of line influences.
A serial diode should be used to eliminate negative voltages from the input. As a
minimum, a 100 nF ceramic input capacitor should be used. If the regulator is used in an
environment with long input lines, an input capacitance of 10 µF is recommended.
V
Q
V
REF
1
R
2
R
1
-----
+


I
ADJ
R
2
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com