Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4284 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4284 Datasheet HTML 1Page - Infineon Technologies AG TLE4284 Datasheet HTML 2Page - Infineon Technologies AG TLE4284 Datasheet HTML 3Page - Infineon Technologies AG TLE4284 Datasheet HTML 4Page - Infineon Technologies AG TLE4284 Datasheet HTML 5Page - Infineon Technologies AG TLE4284 Datasheet HTML 6Page - Infineon Technologies AG TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Type
Package
Marking
TLE 4284 DV
PG-TO252-3-11
4284V
TLE 4284 DV15
PG-TO252-3-11
4284V15
TLE 4284 DV18
PG-TO252-3-11
4284V18
TLE 4284 DV26
PG-TO252-3-11
4284V26
TLE 4284 DV33
PG-TO252-3-11
4284V33
TLE 4284 DV50
PG-TO252-3-11
4284V50
Voltage Regulator
TLE 4284
PG-TO-252-3
Data Sheet
1
Rev. 2.1, 2007-03-20
Features
•
Adjustable output voltage or
1.5V, 1.8V, 2.6V, 3.3 V, 5.0V output voltage
•
1.0 A output current
•
Low dropout voltage, typ. 1 V
•
Short circuit protection
•
Overtemperature protection
•
Wide operating range up to 40 V
•
Wide temperature range of
T
j = -40 to 150 °C
•
Suitable for use in automotive electronics
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE 4284 is a monolithic integrated NPN type voltage regulator that can supply
loads up to 1.0 A. The chip is housed in a surface mounted PG-TO252-3-11 package
(DPAK). It is designed to supply microprocessor systems or other loads under the severe
conditions of automotive applications and therefore it is equipped with additional
protection against overload, short circuit and overtemperature.
An input voltage
V
I in the range of (VQ + VDR) < VI < 40 V is regulated to VQ. The dropout
voltage
V
DR ranges from 1.1 V to 1.4 V depending on the load current level.
The device operates in the temperature range of
T
j = -40 to 150 °C.


Similar Part No. - TLE4284

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4284 INFINEON-TLE4284 Datasheet
144Kb / 15P
Voltage Regulator
Rev. 0.2 2000-10-06
TLE4284DV INFINEON-TLE4284DV Datasheet
144Kb / 15P
Voltage Regulator
Rev. 0.2 2000-10-06
TLE4284DV33 INFINEON-TLE4284DV33 Datasheet
144Kb / 15P
Voltage Regulator
Rev. 0.2 2000-10-06
TLE4284DV50 INFINEON-TLE4284DV50 Datasheet
144Kb / 15P
Voltage Regulator
Rev. 0.2 2000-10-06
More results

Similar Description - TLE4284

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com