Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4284 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4284 Datasheet HTML 14Page - Infineon Technologies AG TLE4284 Datasheet HTML 15Page - Infineon Technologies AG TLE4284 Datasheet HTML 16Page - Infineon Technologies AG TLE4284 Datasheet HTML 17Page - Infineon Technologies AG TLE4284 Datasheet HTML 18Page - Infineon Technologies AG TLE4284 Datasheet HTML 19Page - Infineon Technologies AG TLE4284 Datasheet HTML 20Page - Infineon Technologies AG TLE4284 Datasheet HTML 21Page - Infineon Technologies AG TLE4284 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
18
Rev. 2.1, 2007-03-20
TLE 4284
Output Voltage V
Q versus
Input Voltage V
I
Stability Region: Equivalent Serial
Resistor ESR versus Output Current I
Q
Power Supply Ripple Rejection
versus Frequency
Power Supply Ripple Rejection
versus Frequency
0
V
I [V]
20
30
11_VI-VQ.vsd
10
40
T
a= 25 °C
I
Q = 500mA
V
Q [V]
3.00
2.00
1.00
4.00
I
Q = 10mA
1.5V-Version
1.8V-Version
2.6V-Version
3.3V-Version
5.0V-Version
6.00
I
Q = 100mA
I
Q = 1000mA
12_ESR-IQ.VSD
10
1
0.1
ESR
CQ
[
Ω]
0.1
I
Q [mA]
10
100
1
1000
100
1000
C
Q = 10µF
T
j = -40...150°C
V
I = 6...25V
Stable
Region
C
Q = 2.2µF
T
j = -40...150°C
V
I = 6...25V
10
f [Hz]
10k
PSRR
[dB]
13_PSRR.VSD
70
60
100
1k
100k
90
40
50
V
RIPPLE = 0.5 V
V
IN = 13.5 V
CADJ= 10 µF Tantalum
T
a = 25 °C
I
Q = 1000 mA
I
Q = 500 mA
I
Q = 250 mA
I
Q = 125 mA
I
Q = 10 mA
10
f [Hz]
10k
PSRR
[dB]
13A_PSRR.VSD
70
60
100
1k
100k
90
40
50
V
RIPPLE = 0.5 V
V
IN = 13.5 V
CADJ= 0 µF Tantalum
T
a = 25 °C
I
Q = 1000 mA
I
Q = 500 mA
I
Q = 250 mA
I
Q = 125 mA
I
Q = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com