Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4284 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4284 Datasheet HTML 4Page - Infineon Technologies AG TLE4284 Datasheet HTML 5Page - Infineon Technologies AG TLE4284 Datasheet HTML 6Page - Infineon Technologies AG TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG TLE4284 Datasheet HTML 10Page - Infineon Technologies AG TLE4284 Datasheet HTML 11Page - Infineon Technologies AG TLE4284 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
8
Rev. 2.1, 2007-03-20
TLE 4284
Current limit
I
Qmax
1000 –
2200 mA
V
I – VQ <18V;
V
Q = Vnom - 100 mV
50
200
–
mA
V
I = 40 V;
V
Q = Vnom - 100 mV
T
j = 25 °C
RMS Output Noise
–
–
30
–
ppm
ppm of
V
Q, Tj = 25 °C
10 Hz
≤ f ≤ 10 kHz 4)
Power Supply Ripple
Rejection
PSRR
–65
–
dB
f
r =120 Hz, Vr=0.5 VPP,
C
ADJ = 0 µF
4)
–65
–
dB
f
r = 120 Hz, Vr =0.5VPP,
C
ADJ = 10 µF
4)
1) Device is usable within given range without destruction, but the accuracy of the output voltage can only be
guarantied in the range specified in the line above.
2) Measured at constant junction temperature
3) Dropout voltage measured when the output voltage has dropped 100 mV from the nominal value.
4) Not subject to production test - specified by design.
Table 7 Electrical Characteristics TLE 4284 DV18 (1.8 V fixed output voltage)
-40
°C< T
j <150 °C; VI =13.5V, IQ = 10 mA; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Output voltage
V
Q
1.75
1.8
1.85
V
10 mA
≤ I
Q ≤ 1000 mA;
3.2 V
≤ V
I ≤ 16 V
–1.8
–V
10 mA
≤ I
Q ≤ 1000 mA;
16 V
≤ V
I ≤ 40 V
1)
Line regulation
∆V
Q
–
7.2
27
mV
3.2 V
≤ V
I ≤ 40 V
Load regulation
∆V
Q
–
3.4
7.6
mV
10 mA
≤ I
Q ≤ 800 mA
2)
V
I=VQnom + VDR
–4.8
9mV
10 mA
≤ I
Q ≤ 1.0 A
2)
V
I=VQnom + VDR
Table 6 Electrical Characteristics TLE 4284 DV15 (1.5 V fixed output voltage)
-40
°C< T
j <150 °C; VI =13.5V, IQ = 10 mA; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com