Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX643 Datasheet(PDF) 4 Page - CML Microcircuits

Part # MX643
Description  International Special Information Tone Identification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX643 Datasheet(HTML) 4 Page - CML Microcircuits

  MX643 Datasheet HTML 1Page - CML Microcircuits MX643 Datasheet HTML 2Page - CML Microcircuits MX643 Datasheet HTML 3Page - CML Microcircuits MX643 Datasheet HTML 4Page - CML Microcircuits MX643 Datasheet HTML 5Page - CML Microcircuits MX643 Datasheet HTML 6Page - CML Microcircuits MX643 Datasheet HTML 7Page - CML Microcircuits MX643 Datasheet HTML 8Page - CML Microcircuits MX643 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Call Progress Tone Detector
MX643 - Preliminary Information
© 1996 MX•COM, INC.
Tele: 800 638 5577, 910 744 5050, Fax: 910 744 5054
Doc. #20480148.001
4
2. Signal List
P-Pin
No.
DW-Pin
No.
Signal
Type
Description
1
2
CLOCK / XTAL
input
For the MX643P this is the external clock input to the clock
divider circuit. For the MX643DW this can be either an
external clock input or an external crystal input.
-3
XTAL
output
Output of the on-chip oscillator. Not available on 8-pin DIP..
2
4
DETECT3
output
When a single tone is within the range of the Call Progress
Band, Non Call Progress Band, or a Special Information
Tone, is detected, this output goes to a logic 1.
3
5
ENABLE
input
A logic 1 applied to this input enables the decoder and
detection outputs. A logic 0 applied to this input disables the
decoder and forces DETECT1, DETECT2 and DETECT3 to a
logic 0.
4
7
DETECT1
output
When a call progress signal is detected, this output goes to a
logic 1.
5
10
SIGIN
input
Signal input. Signals to this pin should be ac coupled. The dc
bias of this pin is set internally.
612
VSS
power
Negative supply. (ground).
7
13
DETECT2
output
This output is used in conjunction with DETECT1. When
DETECT1 is at a logic 1, this output goes to a logic 1 if a Call
Progress High Band signal is detected. When DETECT1 is
at a logic 0, this output goes to a logic 1 if a Non Call
Progress signal is detected.
815
VDD
power
Positive supply. This pin should be decoupled to VSS by a
capacitor.
1, 6, 8,
9, 11,
14, 16
N/C
Internal connection. Do not make a connection to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com