Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX643 Datasheet(PDF) 12 Page - CML Microcircuits

Part # MX643
Description  International Special Information Tone Identification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX643 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button MX643 Datasheet HTML 4Page - CML Microcircuits MX643 Datasheet HTML 5Page - CML Microcircuits MX643 Datasheet HTML 6Page - CML Microcircuits MX643 Datasheet HTML 7Page - CML Microcircuits MX643 Datasheet HTML 8Page - CML Microcircuits MX643 Datasheet HTML 9Page - CML Microcircuits MX643 Datasheet HTML 10Page - CML Microcircuits MX643 Datasheet HTML 11Page - CML Microcircuits MX643 Datasheet HTML 12Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Call Progress Tone Detector
MX643 - Preliminary Information
© 1996 MX•COM, INC.
Tele: 800 638 5577, 910 744 5050, Fax: 910 744 5054
Doc. #20480148.001
12
6.2 Packaging
A
B
PIN1
M
J1
Y
E1
T
E
K
K1
P
H
C
J
F
L
A
B
C
E
E1
F
H
TYP.
MAX.
MIN.
DIM.
J
J1
P
Y
T
K1
K
L
M
0.200 (5.06)
0.260 (6.60)
0.390 (9.87).
7°
0.150 (3.81)
0.400 (10.16)
0.145 (3.68)
0.100 (2.54)
0.121 (3.07)
0.020 (0.51)
0.300 (7.62)
0.290 (7.37)
0.325 (8.22)
0.30 (7.62)
0.040 (1.01)
0.008 (0.20)
0.015 (0.38)
0.015 (0.38)
0.023 (0.58)
0.045 (1.14)
0.065 (1.65)
0.060 (1.52)
0.060 (1.52)
0.346 (8.790)
0.240 (6.10)
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Package Tolerances
0.015 (0.38)
0.033 (0.84)
Figure 9: 8-pin PDIP Mechanical Outline: Order as part no. MX643P
PIN 1
A
B
ALTERNATIVE
PIN
LOCATION
MARKING
X
P
J
Y
C
K
H
E
L
T
W
Z
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Package Tolerances
A
B
C
E
H
TYP.
MAX.
MIN.
DIM.
J
P
X
W
T
Y
K
L
0.105 (2.67)
0.093 (2.36)
0.419 (10.64)
45°
7°
0°
10°
0.050 (1.27)
0.041 (1.04)
0.413 (10.49)
0.299 (7.59)
0.050 (1.27)
0.016 (0.41)
0.390 (9.90)
0.020 (0.51)
0.003 (0.08)
0.009 (0.23)
0.0125 (0.32)
0.013 (0.33)
0.020 (0.51)
0.395 (10.03)
0.286 (7.26)
Z
5°
5°
Figure 10: 16-pin SOIC Mechanical Outline: Order as part no. MX643DW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com