Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX643 Datasheet(PDF) 8 Page - CML Microcircuits

Part # MX643
Description  International Special Information Tone Identification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX643 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button MX643 Datasheet HTML 4Page - CML Microcircuits MX643 Datasheet HTML 5Page - CML Microcircuits MX643 Datasheet HTML 6Page - CML Microcircuits MX643 Datasheet HTML 7Page - CML Microcircuits MX643 Datasheet HTML 8Page - CML Microcircuits MX643 Datasheet HTML 9Page - CML Microcircuits MX643 Datasheet HTML 10Page - CML Microcircuits MX643 Datasheet HTML 11Page - CML Microcircuits MX643 Datasheet HTML 12Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Call Progress Tone Detector
MX643 - Preliminary Information
© 1996 MX•COM, INC.
Tele: 800 638 5577, 910 744 5050, Fax: 910 744 5054
Doc. #20480148.001
8
Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz, S/N = 16 dB, Noise Bandwidth = 5 kHz,
VDD = 3.3V to 5.0V, TAMB = - 40°C to 85°C. 0dB = 775mVRMS.
Notes
Min.
Typ.
Max.
Units
DC Parameters
Supply Current
IDD (ENABLE = 1) (VDD = 5.0V)
1
0.5
1.0
mA
IDD (ENABLE = 1) (VDD = 3.3V)
1
0.3
0.7
mA
Enable Input
Input Logic 1 Level
2
80%
VDD
Input Logic 0 Level
2
20%
VDD
Input Leakage Current (VIN = 0 to VDD)
2
-5.0
5.0
µA
Input Capacitance
2
10.0
pF
Detect Output
Output Logic 1 Level (lOH = 120µA)
3
90%
VDD
Output Logic 0 Level (lOL = 360µA)
3
10%
VDD
AC Parameters
SIGIN pin
Input Impedance (at 100Hz)
4
350
k
Ω
Input Signal Level
5
-40
dB
Input Signal Dynamic Range
5
40
dB
Signal to Noise Ratio
16
dB
Clock Input
'High' Pulse Width
6
40
ns
'Low' Pulse Width
6
40
ns
Input Impedance (at 100Hz)
10
M
Ω
Gain (input = 1mVRMS at 100Hz)
20
dB
Operating Characteristics Notes:
1. Not including any current drawn from the device pins by external circuitry.
2. ENABLE pin.
3. DETECT1, DETECT2 and DETECT3 pins.
4. Small signal impedance.
5. The input level is not critical as the detector uses a stochastic algorithm.
6. Timing for an external input to the CLOCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com