Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX643 Datasheet(PDF) 1 Page - CML Microcircuits

Part # MX643
Description  International Special Information Tone Identification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX643 Datasheet(HTML) 1 Page - CML Microcircuits

  MX643 Datasheet HTML 1Page - CML Microcircuits MX643 Datasheet HTML 2Page - CML Microcircuits MX643 Datasheet HTML 3Page - CML Microcircuits MX643 Datasheet HTML 4Page - CML Microcircuits MX643 Datasheet HTML 5Page - CML Microcircuits MX643 Datasheet HTML 6Page - CML Microcircuits MX643 Datasheet HTML 7Page - CML Microcircuits MX643 Datasheet HTML 8Page - CML Microcircuits MX643 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA BULLETIN
© 1996 MX•COM, INC.
Tele: 800 638 5577, 910 744 5050, Fax: 910 744 5054
Document #20480148.001 May 1996
Preliminary Information
•• International Special Information Tone Identification
•• Worldwide Tone Compatibility
•• - 40°°C to 85°°C Operating Temp
•• Single and Dual Tone Detected
•• Low Supply Current (0.3mA/0.5mA)
•• U.S. Busy-Detect Output
•• Low Supply Voltage (3.3V/5.0V)
•• Voice-Detect Output
•• Standard 3.58MHz Clock Input
•• Wide Dynamic Range > 40dBm
•• Standard 8-pin DIP Package
DETECT2
DETECT3
DETECT1
SLICER
SIGIN
ENABLE
XTAL
SIGNAL
ANALYZER
CONTROL
LOGIC
CLOCK
VSS
VDD
CLOCK /
XTAL
AVAILABLE
PACKAGES
MX643P
8-pin PDIP
MX643DW
16-pin SOIC
The MX643 is a low power, low cost device that uses signal processing techniques to detect audible tone signals
such as; Dial, Ring, Busy, Unobtainable, and other conditions found when placing a call throughout the world’s
telecom systems. The detection of these Call Progress stages is essential to the proper operation and application
of automatic calling products.
The MX643 offers identification of International Special Information Tones (SIT), reducing the time needed for
cadence verification under Obtainable conditions. In addition to the SIT feature, single and dual tone decoding
are added for better cross-system Call Progress monitoring. The MX643 offers these features in addition to the
same performance levels and features of the MX633 Call Progress Tone Detector such as; detection and
identification of U.S. Busy tones, thereby reducing the need to measure the tone cadence to identify U.S. Busy.
The decoding and indicating of speech, or other Non-Call Progress signals, thus reducing voice-falsing of Call
Progress tones and adding Voice-Answer as a connect prompt.
Available in the industry standard 8-pin DIP, the MX643 is also available in a 16-pin SOIC making it pin
compatible with the MX633DW (16-pin SOIC).


Similar Part No. - MX643

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MX64 MOLEX-MX64 Datasheet
101Kb / 3P
Power and Signal Cable Assemblies
Aug 04, 2023
logo
CML Microcircuits
MX641 CMLMICRO-MX641 Datasheet
201Kb / 17P
Dual SPM Detector
logo
BCM Advanced Research.
MX6412J BCM-MX6412J Datasheet
938Kb / 2P
Intel® Celeron J6412 SoC Fanless Thin Mini-ITX Motherboard supports 4 LAN, M.2 NVMe SSD
03/30/2023
logo
CML Microcircuits
MX641DW CMLMICRO-MX641DW Datasheet
201Kb / 17P
Dual SPM Detector
MX641P CMLMICRO-MX641P Datasheet
201Kb / 17P
Dual SPM Detector
More results

Similar Description - MX643

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-984-02 CLARE-M-984-02 Datasheet
179Kb / 6P
Special Information Tone Detector
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
Precise Call Progress and Special Information Tone Generator
logo
Mitel Networks Corporat...
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
CMOS Calling Number Identification Circuit 2 Preliminary Information
logo
EM Microelectronic - MA...
V4082 EMMICRO-V4082 Datasheet
174Kb / 7P
Identification ROM
logo
Balluff Korea Ltd.
BVS0019 BALLUFF-BVS0019 Datasheet
180Kb / 3P
Optical Identification
0.52_2021-12-17
BVS001A BALLUFF-BVS001A Datasheet
180Kb / 3P
Optical Identification
0.56_2021-12-17
BVS001C BALLUFF-BVS001C Datasheet
180Kb / 3P
Optical Identification
0.52_2021-12-17
BVS001E BALLUFF-BVS001E Datasheet
179Kb / 3P
Optical Identification
0.55_2021-12-17
BVS001R BALLUFF-BVS001R Datasheet
180Kb / 3P
Optical Identification
0.52_2021-12-17
logo
Festo Corporation.
4080500 FESTO-4080500 Datasheet
52Kb / 1P
Identification holder
7/21/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com