Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX643 Datasheet(PDF) 7 Page - CML Microcircuits

Part # MX643
Description  International Special Information Tone Identification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX643 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button MX643 Datasheet HTML 3Page - CML Microcircuits MX643 Datasheet HTML 4Page - CML Microcircuits MX643 Datasheet HTML 5Page - CML Microcircuits MX643 Datasheet HTML 6Page - CML Microcircuits MX643 Datasheet HTML 7Page - CML Microcircuits MX643 Datasheet HTML 8Page - CML Microcircuits MX643 Datasheet HTML 9Page - CML Microcircuits MX643 Datasheet HTML 10Page - CML Microcircuits MX643 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Call Progress Tone Detector
MX643 - Preliminary Information
© 1996 MX•COM, INC.
Tele: 800 638 5577, 910 744 5050, Fax: 910 744 5054
Doc. #20480148.001
7
5.1 Decode Output Truth Table
DETECT3
DETECT2
DETECT1
CONDITIONS
0
0
0
No Signal
1
0
0
Special Information Tone: Will detect 950, 1400 and 1800Hz tones
0
0
1
Call Progress Low Band: Will detect 350+440, 400+450 and
440+480Hz tones, for example
1
0
1
Call Progress Low Band: Will detect single 400, 425, 440, and
450Hz tones, for example
0
1
1
Call Progress High Band:
Will detect 480+620Hz tones, for example
1
1
1
Call Progress High Band: Will detect single 600 and 620Hz tones, for
example
0
1
0
Non Call Progress signal, e.g. Voice Activity
1
1
0
Will detect a single tone lying outside the Call Progress Band and
within the Non Call Progress signal range
Decode Output Truth Table Notes:
DETECT1 responds to the complete range of call progress signals from 340Hz to 650Hz
DETECT2 responds to higher frequency call progress and voice or similar activity
DETECT3 responds to and indicates the presence of a single tone
6. Performance Specification
6.1 Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
General
Min.
Max.
Units
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current
VDD
-30
30
mA
VSS
-30
30
mA
Any other pin
-20
20
mA
P/DW Package
Total Allowable Power Dissipation at TAMB = 25°C
800
mW
Derating above 25°C
13
mW/°C above 25°C
Storage Temperature
-55
125
°C
Operating Temperature
-40
85
°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VDD - VSS)
3.0
5.5
V
Xtal Frequency
3.57
3.59
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com