Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX643 Datasheet(PDF) 9 Page - CML Microcircuits

Part # MX643
Description  International Special Information Tone Identification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX643 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button MX643 Datasheet HTML 4Page - CML Microcircuits MX643 Datasheet HTML 5Page - CML Microcircuits MX643 Datasheet HTML 6Page - CML Microcircuits MX643 Datasheet HTML 7Page - CML Microcircuits MX643 Datasheet HTML 8Page - CML Microcircuits MX643 Datasheet HTML 9Page - CML Microcircuits MX643 Datasheet HTML 10Page - CML Microcircuits MX643 Datasheet HTML 11Page - CML Microcircuits MX643 Datasheet HTML 12Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Call Progress Tone Detector
MX643 - Preliminary Information
© 1996 MX•COM, INC.
Tele: 800 638 5577, 910 744 5050, Fax: 910 744 5054
Doc. #20480148.001
9
Timing Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz, VDD = 3.3V to 5.0V, TAMB = - 40°C to 85°C, S/N = 20dB.
Timing (ref. Figures 3, 4, 5 and 6)
Notes
Min.
Typ.
Max.
Units
tI
Burst Length Ignored
1
70
ms
tL
Burst Length Detected
1
145
ms
tGI
Call Progress Tone Gap Length Ignored
1, 2
20
ms
tGD
Call Progress Tone Gap Length Detected
1, 2
40
ms
tRP
Call Progress Tone Response Time
1
145
ms
tDRP
Call Progress Tone De-response Time
1
145
ms
tGDR
Gap Detected Recorded
1, 3
6
ms
tNG
Non Call Progress Signal Gap Length Ignored
4
80
ms
tNRP
Non Call Progress Signal Response Time
145
ms
tDNRP
Non Call Progress signal De-response Time
80
ms
tCH
State Change
0
ms
tV
DETECT1, DETECT2, and DETECT3 Response
Time
5
145
ms
Timing Notes:
1. Timings also apply to Special Information Tone.
2. Only applies to bursts of the same frequency.
3. To acknowledge a short tone gap
≥ 40 ms, No Signal is indicated for a minimum of 6ms.
4. If the gap > 90 ms, a No Signal state will be decoded.
5. Time between a stable XTAL/CLK and a valid DETECT1, DETECT2, and DETECT3 state when
ENABLE is logic high..
Timing Diagrams
SIGIN
DETECT1
ENABLE
No Signal
Call Progress
Low Band
Call Progress
High Band
Call Progress
High Band
Call Progress
High Band
DETECT2
Note: DETECT3 is logic high only when the Call Progress Signal, or the Non Call Progress Signal is a single frequency tone.
tI
tL
tGD
tDRP
tGI
tGDR
tRP
tRP
tRP
tDRP
DETECT3
Figure 3: Timing Diagram: Call Progress Tone(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com