Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX643 Datasheet(PDF) 5 Page - CML Microcircuits

Part # MX643
Description  International Special Information Tone Identification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX643 Datasheet(HTML) 5 Page - CML Microcircuits

  MX643 Datasheet HTML 1Page - CML Microcircuits MX643 Datasheet HTML 2Page - CML Microcircuits MX643 Datasheet HTML 3Page - CML Microcircuits MX643 Datasheet HTML 4Page - CML Microcircuits MX643 Datasheet HTML 5Page - CML Microcircuits MX643 Datasheet HTML 6Page - CML Microcircuits MX643 Datasheet HTML 7Page - CML Microcircuits MX643 Datasheet HTML 8Page - CML Microcircuits MX643 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Call Progress Tone Detector
MX643 - Preliminary Information
© 1996 MX•COM, INC.
Tele: 800 638 5577, 910 744 5050, Fax: 910 744 5054
Doc. #20480148.001
5
3. External Components
CLOCK
C2
8
7
2
3
4
5
6
DETECT1
MX643P
ENABLE
VSS
SIGIN
DETECT2
DETECT3
VDD
C1
1
VDD
XTAL/
CLOCK
C3
C2
R1
X1
C4
DETECT3
MX643DW
ENABLE
SIGIN
DETECT2
VDD
VSS
C1
XTAL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DETECT1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
VDD
MX643P
C1
1.0nF
±20
R1
1M
Ω±10
C2
1.0
µF
±20
C1
560pF at 3.3VDD
1.0nF at 5.0VDD
±20
For details of CLOCK frequency refer to Sec.6.1
C2
1.0
µF
±20
C3
33pF
±20
C4
33pF
±20
X1
3.579545MHz
refer to Sec. 6.1
Figure 2: Recommended External Components for Typical Applications
4. General Description
4.1 Glossary
The following glossary and Decode Truth table (found in section 5.1), describe the MX643 decoding features and
functions.
Call Progress Tones: The single and dual frequency tones in the range of 350Hz to 620Hz specified widely for
Call Progress signaling.
Call Progress Band: The nominal range is 340Hz to 650Hz within which the MX643 will detect Call Progress
tones. The detection algorithm requires that the tones have characteristics typical of Call Progress Tones.
Call Progress Low Band: The nominal range is 340Hz to 490Hz. The MX643 will detect single or dual tones
falling entirely within this range, as Call Progress Low Band tones.
Call Progress High Band: The nominal range is 600Hz to 650Hz. Single tones in this range, or dual tones
having a material frequency component within this range (e.g. 480 + 620Hz), are detected as Call Progress High
Band tones.
Special Information Tone: The nominal range is 950Hz or 1400Hz or 1800Hz, with a tolerance of
±50Hz.
Non Call Progress Signal: A signal falling within the nominal range (a) 200Hz to 800Hz, but NOT within the Call
Progress Band, or (b) within the nominal range 200Hz to 800Hz, but NOT meeting the DETECTION
REQUIREMENTS when the signal falls in the Call Progress Band.
Subject to the duration and other characteristics of such signals, the MX643 will usually interpret these as a Non
Call Progress Signal (e.g. speech or other signal activity).
Minimum Input Signal: The minimum signal level for the specified tone decoding performance. The lower level
at which absence of an input signal will be registered is not specified.
No Signal: A signal falling outside the nominal range of 120Hz to 900Hz or Special Information Tone or the
absence of an input signal. Either will be detected as a No Signal condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com