Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX643 Datasheet(PDF) 6 Page - CML Microcircuits

Part # MX643
Description  International Special Information Tone Identification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX643 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button MX643 Datasheet HTML 2Page - CML Microcircuits MX643 Datasheet HTML 3Page - CML Microcircuits MX643 Datasheet HTML 4Page - CML Microcircuits MX643 Datasheet HTML 5Page - CML Microcircuits MX643 Datasheet HTML 6Page - CML Microcircuits MX643 Datasheet HTML 7Page - CML Microcircuits MX643 Datasheet HTML 8Page - CML Microcircuits MX643 Datasheet HTML 9Page - CML Microcircuits MX643 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Call Progress Tone Detector
MX643 - Preliminary Information
© 1996 MX•COM, INC.
Tele: 800 638 5577, 910 744 5050, Fax: 910 744 5054
Doc. #20480148.001
6
Nominal: Subject to dynamic tolerances within the signal analysis process. Absolute values are not material or
adverse to performance.
4.2 Overall Function Description
The MX643 Call Progress Tone Detector uses different tone detection methods from those commonly found with
other Call Progress Tone Detectors.
Many traditional devices use a bandpass filter followed by an energy detector. The filter is usually designed to
pass input signals with a frequency between about 300Hz and 700Hz. Each signal amplitude in this range is then
checked against a level threshold. Any signal of acceptable level in this frequency band is classed as a Call
Progress tone, including speech and noise. False outputs caused by speech are commonly indicated by such
products and background noise may lead to a stuck detect output.
In contrast, the MX643 uses a stochastic signal processing technique. This technique is based on analysis of both
the frequency and time domains, with signal amplitude forming a minor part in the decision process. This analysis
includes, checks on whether the signal has a profile which matches international standards for Call Progress
Tones, Special Information Tones, or a profile more likely to match that of speech, noise or other Non-Call
Progress signals. Checks are also performed to see if the signal is a single tone, and whether the tones which
include frequencies corresponding with the ‘U.S. Busy’ signals have been detected.
5. Block Diagram Description
(Reference Figure 1)
Slicer
The input signal to the slicer is amplified by a self-biased inverting amplifier. The dc bias of this input is internally
set at VDD/2.
Signal Analyzer
The frequency range, quality, and consistency of the input signal is analyzed by this function block. To be
classified as a Call Progress signal the input signal frequencies should lie between 340Hz and 650Hz. To be
classified as a Special Information Tone, the input signal frequency should lie between 900Hz and 1000Hz or
1350Hz and 1450Hz or 1750Hz and 1850Hz. The signal to noise ratio must be 16dB or greater. The signal must
be consistent over a period of about 145 ms. These decode criteria are continuously monitored and the
assessment is updated every 7 ms, reference Figure 3.
The Signal Analyzer samples the call progress signal at 9.3kHz. Care should be taken to avoid high frequency
signals (
≥8.4kHz) aliasing into the call progress band.
Control Logic
This block categorizes the nature of the signal into various decoded output states and controls the three output
pins. See the Decode Output Truth Table in section 5.1
Clock
An external clock source is to be connected to the CLOCK input pin when using the 8-pin device. If using the on-
chip oscillator (16-pin device only) you will need to use the external components shown in Figure 2. If using an
external clock source then XTAL should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com