Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6021 Datasheet(PDF) 26 Page - CML Microcircuits

Part # EV6021
Description  User Manual
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6021 Datasheet(HTML) 26 Page - CML Microcircuits

Back Button EV6021 Datasheet HTML 20Page - CML Microcircuits EV6021 Datasheet HTML 21Page - CML Microcircuits EV6021 Datasheet HTML 22Page - CML Microcircuits EV6021 Datasheet HTML 23Page - CML Microcircuits EV6021 Datasheet HTML 24Page - CML Microcircuits EV6021 Datasheet HTML 25Page - CML Microcircuits EV6021 Datasheet HTML 26Page - CML Microcircuits EV6021 Datasheet HTML 27Page - CML Microcircuits EV6021 Datasheet HTML 28Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Evaluation Kit for CMX602B
EV6021
 2000 Consumer Microcircuits Limited
26
UM6021/4
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the Evaluation Kit.
Min.
Max.
Units
Supply (VIN - VSS)
-0.3
40.0
V
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current into or out of VIN and VSS pins
0
+1.5
A
Current into or out of any other pin
-20
+20
mA
Storage Temperature
-
+70
°C
Operating Temperature
+10
+35
°C
Operating Limits
Correct operation of the Evaluation Kit outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VIN - VSS)
8.0
14.0
V
Supply (VDD - VSS)
3.0
5.5
V
Operating Temperature
+10
+35
°C
External Clock Frequency for CMX602B
3.575965
3.583125
MHz
External Clock Frequency (for µC at 5.0V VDD)
0.1
20.0
MHz
External Clock Frequency (for µC at 3.0V VDD)
0.1
4.0
MHz
Operating Characteristics
For the following conditions unless otherwise specified:
Evaluation Device and DTMF Generator Xtal Frequency = 3.579545MHz, µC = 4.00MHz
VDD = 3.3V to 5.0V, Tamb = +25°C.
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD (evaluation board - idle)
1
-
50.0
-
mA
AC Parameters
Xtal/Clock Input to Evaluation Device
‘High’ pulse width
2
100
-
-
ns
‘Low’ pulse width
2
100
-
-
ns
OSC1 Input to PIC µC
‘High’ pulse width
50.0
-
-
ns
‘Low’ pulse width
50.0
-
-
ns
Notes:
1.
Relays not energised.
2.
Timing for an external input to the CLOCK/XTAL pin.
Operating Characteristics - Timing Diagrams
For CMX602B timing information, refer to current CML CMX602B Data Sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com