Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6021 Datasheet(PDF) 6 Page - CML Microcircuits

Part # EV6021
Description  User Manual
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6021 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button EV6021 Datasheet HTML 2Page - CML Microcircuits EV6021 Datasheet HTML 3Page - CML Microcircuits EV6021 Datasheet HTML 4Page - CML Microcircuits EV6021 Datasheet HTML 5Page - CML Microcircuits EV6021 Datasheet HTML 6Page - CML Microcircuits EV6021 Datasheet HTML 7Page - CML Microcircuits EV6021 Datasheet HTML 8Page - CML Microcircuits EV6021 Datasheet HTML 9Page - CML Microcircuits EV6021 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Evaluation Kit for CMX602B
EV6021
 2000 Consumer Microcircuits Limited
6
UM6021/4
1.4
Signal Lists
CONNECTOR PINOUT - EVALUATION BOARD
Connector
Ref.
Connector
Pin No.
Signal
Name
Signal
Type
Description
J1
1, 2
-
-
Not Used. No connection needed.
3
A
BI
Bidirectional 'phone line (A = TIP).
4
B
BI
Bidirectional 'phone line (B = RING).
5, 6
-
-
Not Used. No connection needed.
J2
1, 2
-
-
Not Used. No connection needed.
3
B
BI
Bidirectional external 'phone socket
(B = RING).
4
A
BI
Bidirectional external 'phone socket
(A = TIP).
5, 6
-
-
Not Used. No connection needed.
J3
1
Input
Microphone +ve.
2
Output
Speaker drive.
3
Output
Speaker drive.
4
Input
Microphone -ve.
J4
1
VSS
Power
) Jack socket for mutable input
tip/pin2
speech
Input
) from external speech source.
J5
1
VIN
Power
+ve power from external power supply.
2
VSS
Power
0V power from external power supply.
J6
1
DCD
Output
PC connection (linked to DTR).
2
RXD
Output
PC data output.
3
TXD
Input
PC data input.
4
DTR
Input
PC connection.
5
VSS
Power
0V common connection to PC.
6
DSR
Output
PC connection (linked to DTR).
7
RTS
Input
PC ‘RTS’ connection.
8
CTS
Output
PC ‘CTS’ connection.
9
-
-
Not used. No connection needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com