Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6021 Datasheet(PDF) 14 Page - CML Microcircuits

Part # EV6021
Description  User Manual
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6021 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button EV6021 Datasheet HTML 10Page - CML Microcircuits EV6021 Datasheet HTML 11Page - CML Microcircuits EV6021 Datasheet HTML 12Page - CML Microcircuits EV6021 Datasheet HTML 13Page - CML Microcircuits EV6021 Datasheet HTML 14Page - CML Microcircuits EV6021 Datasheet HTML 15Page - CML Microcircuits EV6021 Datasheet HTML 16Page - CML Microcircuits EV6021 Datasheet HTML 17Page - CML Microcircuits EV6021 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Evaluation Kit for CMX602B
EV6021
 2000 Consumer Microcircuits Limited
14
UM6021/4
1.6.1.14 Line Voltage Monitoring
An indication of the level of line voltage is provided at the PIC µController port A bit 0 (Pin 2). For a
48 volt line the level at this point is
≈ 3.0V d.c. This pin of the µController can be re-configured as an
ADC input and, with appropriate firmware, be used to monitor the line voltage. Note that this feature
is not used by the current firmware revision.
1.6.2
Software
This section describes the operation of the EV6021 kit via the RS232 lead and the Windows software
supplied. The sequence of events for the demonstrations is covered in the Section 1.6.3 (Firmware).
1.6.2.1
Installation
The ES6021 Windows Application Software consists of a single executable file named
ES6021xx.EXE, where xx refers to the version number. Copy this from its 3.5” floppy disk to the
hard disk of the user’s PC.
Windows NT and '95
For convenient and quick launching of the program create an ES6021 shortcut within the Start menu
or Desktop.
Windows 3.11
For convenient and quick launching of the ES6021 software create a new program group and
ES6021 icon.
1.6.2.2
Start-up
When the application is run the initialise dialog box will pop-up in front of the applications main window.
At this point ensure the EV6021 is connected to an RS232 serial port of the PC, via connector J6, and turn on
the power to the board. If cancel is selected the PC will not make a connection to the EV6021 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com