Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6021 Datasheet(PDF) 19 Page - CML Microcircuits

Part # EV6021
Description  User Manual
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6021 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button EV6021 Datasheet HTML 15Page - CML Microcircuits EV6021 Datasheet HTML 16Page - CML Microcircuits EV6021 Datasheet HTML 17Page - CML Microcircuits EV6021 Datasheet HTML 18Page - CML Microcircuits EV6021 Datasheet HTML 19Page - CML Microcircuits EV6021 Datasheet HTML 20Page - CML Microcircuits EV6021 Datasheet HTML 21Page - CML Microcircuits EV6021 Datasheet HTML 22Page - CML Microcircuits EV6021 Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Evaluation Kit for CMX602B
EV6021
 2000 Consumer Microcircuits Limited
19
UM6021/4
1.6.3
Firmware
This section describes the operation of the EV6021 kit using the LCD module and the demonstration
selection switches SW2 to SW4. It also describes the sequence of events followed by the available
demonstrations.
1.6.3.1
Start-up
As described in Quick start section.
The opening messages will be EF6021 Vx.x (where x.x represents the version number), followed by
an indication of the current selection from switches SW2 to SW4.
1.6.3.2
Demonstration Selection
Use switches to alter the selection as indicated on the printed circuit silkscreen:
SW2 - Adjunct Box or Feature Phone.
SW3 - BT or Bellcore.
SW4 - Type1 or Type2.
When a new selection has been made the start up messages will be displayed on the LCD until a new CLI
message has been received.
1.6.3.3
BT type 1 demonstration
This demonstration covers the BT on-hook service initiated by a line reversal followed by an alert
tone, see flowchart in CMX602B datasheet (application notes section). CLI message parameters are
displayed on the LCD.
On the EV6021 board, FET TR9 is switched on to provide wetting current for 15ms during the silent
period between the alert tone and the FSK data. A resistor can be fitted in the R7 position if a
current wetting pulse is required.
FET TRI0 is switched on during the FSK receive period.
If an ac termination is required,
components can be fitted in positions R4, R6 and C3.
1.6.3.4
Bellcore type 1 demonstration
This demonstration covers the Bellcore on-hook service associated with ringing, see flowchart in
CMX602B datasheet (application notes section). Any ringing of duration < 500ms is assumed to be
a line reversal and is ignored. CLI message parameters are displayed on the LCD.
Relay 1 is energised during the FSK receive period. If an ac termination is required, components
can be fitted in positions R4, R6 and C3.
1.6.3.5
BT and Bellcore type 2 demonstration
This demonstration covers both the BT and Bellcore off-hook caller ID services, see flowchart in
CMX602B datasheet (application notes section).
If ‘Feature Phone’ is selected, the local speech path is enabled and muted when a CAS tone is
detected (when the CMX602B DET output is set in tone alert mode, termed early mute). Also signals
from the line, e.g. CAS tone, will be taken from the Rx side of the 2 to 4 wire interface.
If ‘Adjunct Box’ is selected, the link to an external telephone, socket J2, is muted when a valid CAS
tone has been received (when CMX602B IRQN pin goes low in tone alert mode, termed late mute).
If the EV6021 is linked to a PC, see section 1.6.2, the point at which muting occurs can be toggled
between early and late.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com