Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6021 Datasheet(PDF) 20 Page - CML Microcircuits

Part # EV6021
Description  User Manual
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6021 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button EV6021 Datasheet HTML 16Page - CML Microcircuits EV6021 Datasheet HTML 17Page - CML Microcircuits EV6021 Datasheet HTML 18Page - CML Microcircuits EV6021 Datasheet HTML 19Page - CML Microcircuits EV6021 Datasheet HTML 20Page - CML Microcircuits EV6021 Datasheet HTML 21Page - CML Microcircuits EV6021 Datasheet HTML 22Page - CML Microcircuits EV6021 Datasheet HTML 23Page - CML Microcircuits EV6021 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Evaluation Kit for CMX602B
EV6021
 2000 Consumer Microcircuits Limited
20
UM6021/4
Counters record the number of times muting has occurred (M) and the number of times a valid CAS
tone has been detected (C). The counts are displayed on row 3 of the LCD.
DTMF digit ‘D’ is transmitted on to the phone line as an acknowledgement tone. If the EV6021 is
linked to a PC other DTMF digits can be sent as an acknowledgement. CLI message parameters
are displayed on the top two rows of the LCD.
On the EV6021 board, the line termination resistor R21 (factory-fitted 600
Ω) should be fitted and the
switch SW1 set to ‘RESISTIVE’.
If an off-hook dc load is required, for feature phone mode, a
resistor must be fitted in position R8 (factory-fitted 2k2
Ω).
If a complex termination is required positions C11, R16 and R19 can be used with switch SW1 set to
‘COMPLEX’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com