Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6021 Datasheet(PDF) 5 Page - CML Microcircuits

Part # EV6021
Description  User Manual
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6021 Datasheet(HTML) 5 Page - CML Microcircuits

  EV6021 Datasheet HTML 1Page - CML Microcircuits EV6021 Datasheet HTML 2Page - CML Microcircuits EV6021 Datasheet HTML 3Page - CML Microcircuits EV6021 Datasheet HTML 4Page - CML Microcircuits EV6021 Datasheet HTML 5Page - CML Microcircuits EV6021 Datasheet HTML 6Page - CML Microcircuits EV6021 Datasheet HTML 7Page - CML Microcircuits EV6021 Datasheet HTML 8Page - CML Microcircuits EV6021 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Evaluation Kit for CMX602B
EV6021
 2000 Consumer Microcircuits Limited
5
UM6021/4
1.3
Quick Start
This section provides instructions for users who wish to experiment immediately with the evaluation
kit. A fuller description of the kit and its use linked to a PC appears later in this document.
1.3.1
Setting-Up
THE EV6021 COMES PRE-CONFIGURED FOR OPERATION AT 3.3 VOLTS.
An RJ11 (US style) phone jack is provided for caller ID simulator connection. Power is connected via
the two-way socket, J5. No board adjustments are required by the user. Telco-specific components
may be added, as required.
1.3.2
Operation
Ensure no connection to serial port connector J6 and switch on the power supply. The message
EF6021 Vx.x will be visible on the LCD module plus an indication as to which function option is
selected. The three switches, SW2 to SW4, give the options of BT or Bellcore, Type 1 or Type 2 and
Adjunct Box or Feature Phone.
R24
C24
U5
J3
LCD1
C1
R1V1
R59
JP6
JP5
C27
D19
RP2
R67
D24
C28
J6
R58
R54
D17
ZP
MODE
D18
DET
D15
OP
PROG
IRQN
D16
3
4
2
D21
L'CAL MUTE
RS232
HAND
SET
BELL/BT
TYPE2/1
FP/ADJ
EF6021Vx.x
Bell, Type2, FP
Figure 2 Function Selection
A fuller description of these functions is given later in the document.
If a type 2 demonstration is selected switch SW1 should be set to ‘RESISTIVE’ which selects a
factory-fitted 600
Ω line termination, (R21) but an alternative value can be substituted.
If a complex line termination is required, positions C11, R16 and R19 can be used with switch SW1
set to ‘COMPLEX’.
An off-hook dc load is provided by R8. The factory-fitted value is 2k2
Ω but this may be removed or
an alternative value substituted.
SW1
RESISTIVE
COMPLEX
R8
C10
C11
C7
R16
T1
D7
HOOK
R45
TP3
TP4
R19
R21
U3
R30
C14
SW1
RESISTIVE
COMPLEX
R8
C10
C11
C7
R16
T1
D7
HOOK
R45
TP3
TP4
R19
R21
U3
R30
C14
Figure 3 Termination Positions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com