Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6021 Datasheet(PDF) 25 Page - CML Microcircuits

Part # EV6021
Description  User Manual
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6021 Datasheet(HTML) 25 Page - CML Microcircuits

Back Button EV6021 Datasheet HTML 20Page - CML Microcircuits EV6021 Datasheet HTML 21Page - CML Microcircuits EV6021 Datasheet HTML 22Page - CML Microcircuits EV6021 Datasheet HTML 23Page - CML Microcircuits EV6021 Datasheet HTML 24Page - CML Microcircuits EV6021 Datasheet HTML 25Page - CML Microcircuits EV6021 Datasheet HTML 26Page - CML Microcircuits EV6021 Datasheet HTML 27Page - CML Microcircuits EV6021 Datasheet HTML 28Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Evaluation Kit for CMX602B
EV6021
 2000 Consumer Microcircuits Limited
25
UM6021/4
c)
The "blank check" command (B) only looks at the first location. A programmed device will
always have data in this location as it is the program start address.
d)
For each of the commands B,P,R and V the user will be prompted to manually reset the
target
µC, by pressing the RESET switch (SW5) on the EV6021 Evaluation Board. This is
because PIC programming always starts from location 0000 and the program counter can only
be incremented.
e)
Pressing A will display the program data in the bottom window, formatted in pages of 48
consecutive locations. Use the <PageUp> and <PageDown> keys to scroll through the data.
Pressing <Esc> will return the user to the >ok prompt.
TO LEAVE PROGRAMMING MODE
(a) Remove power from board (including the programming voltage, V
PP).
(b) Set switch, SW6, to ‘OP’.
(c)
Power up board as described in previous sections for normal operation.
1.6.4.2
DTMF Generator
For anyone wishing to write their own code for the EV6021 the code table for the DTMF generator,
U5, is as follows:
DTMF GENERATOR DECODE TABLE
DTMF
pin 12 (D3)
pin 11 (D2)
pin 10 (D1)
pin 9 (D0)
CODE
0
0
0
0
D
0
0
0
1
1
0
0
1
0
2
0
0
1
1
3
0
1
0
0
4
0
1
0
1
5
0
1
1
0
6
0
1
1
1
7
1
0
0
0
8
1
0
0
1
9
1
0
1
0
0
1
0
1
1
*
1
1
0
0
#
1
1
0
1
A
1
1
1
0
B
1
1
1
1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com