Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6021 Datasheet(PDF) 24 Page - CML Microcircuits

Part # EV6021
Description  User Manual
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6021 Datasheet(HTML) 24 Page - CML Microcircuits

Back Button EV6021 Datasheet HTML 20Page - CML Microcircuits EV6021 Datasheet HTML 21Page - CML Microcircuits EV6021 Datasheet HTML 22Page - CML Microcircuits EV6021 Datasheet HTML 23Page - CML Microcircuits EV6021 Datasheet HTML 24Page - CML Microcircuits EV6021 Datasheet HTML 25Page - CML Microcircuits EV6021 Datasheet HTML 26Page - CML Microcircuits EV6021 Datasheet HTML 27Page - CML Microcircuits EV6021 Datasheet HTML 28Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Evaluation Kit for CMX602B
EV6021
 2000 Consumer Microcircuits Limited
24
UM6021/4
1.6.4.1
In-circuit re-programming of PIC16C74A
In order that the PIC16C74A
µController may be re-programmed the existing program must be
erased by placing the device in a uv- eraser for approximately 15 minutes.
TO ENTER PROGRAMMING MODE
(a) Remove power from board
(b) Set switch, SW6, to ‘PROG’
(c)
Re-apply power to board
(d) Connect the programming voltage (VPP = 12.5V to 13.5V) power supply between test point
TP16 (+ve) and VSS (-ve)
(e) Ensure the PIC
µC programming utility PICPROGA.EXE is loaded into the PC under DOS and
the PC is connected to the evaluation kit
(f)
Reset the EV6021 board by momentarily pressing switch, SW5
USING THE SOFTWARE
- PICPROGA
This is supplied on disk as a self-documented executable file PICPROGA.EXE for a PC running
DOS (either directly or as a DOS window in Windows 3.11 or '95). It is not recommended for use on
Windows NT systems. Please note that this programming software does not meet the Arizona
Microchip Technology verification requirements for a "production quality" programmer. Also, it does
not support the programming of ID locations and there is no checksum facility.
The user interface consists of two windows. The top window contains the operating instructions and
the bottom window shows the command line and data communications with the PIC
µC. When the
top window first appears the user will be prompted to enter the number of the serial communications
port to which the EV6021 board is connected. Once the user has entered this number, the following
commands are displayed:
press F
to load file
press C
to enter Configuration Word.
Currently - xxxx
press B
to check target device is blank.
press P
to program target device.
press V
to verify target device.
press R
to read target device.
press A
to view contents of program data array.
press Esc
to return to DOS.
A new function from the above table can be selected whenever the >ok prompt appears in the
bottom window.
Notes:
a)
Assembler output files must be in the Intel hex format (.HEX) in order to be usable by this
programming software.
b)
The PIC
µC supplied has a Configuration Word which is preset 3FB1H. This selects the crystal
oscillator, disables the watch dog timer, enables the power up timer and disables code
protection. The programming software currently defaults to 3FB1H. Consult Arizona
Microchip Technology for more information on the Configuration Word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com