Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502ACBZ-P2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 4 Page - Analog Devices

  ADL5502ACBZ-P2 Datasheet HTML 1Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 2Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 3Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 4Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 5Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 6Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 7Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 8Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADL5502
Rev. A | Page 4 of 28
Parameter
Test Conditions
Min
Typ
Max
Unit
RF INPUT (f = 1900 MHz)
Input RFIN to output VRMS and PEAK
Input Impedance
No termination
238||0.90
Ω||pF
RMS CONVERSION
Input RFIN to output VRMS
Dynamic Range
CW input, −40°C < TA < +85°C
±0.25 dB Error 1
27
dB
±1 dB Error1
32
dB
±2 dB Error2
30
dB
Maximum Input Level
±0.25 dB error2
12
dBm
Minimum Input Level
±1 dB error2
−15
dBm
Conversion Gain
VRMS = (Gain × VIN) + Intercept
1.75
V/V rms
Output Intercept3
0.010
V
Output Voltage, High Power In
PIN = 5 dBm, 400 mV rms
0.700
V
Output Voltage, Low Power In
PIN = −15 dBm, 40 mV rms
0.079
V
ENVELOPE CONVERSION
Input RFIN to output PEAK
Dynamic Range
CW input, −40°C < TA < +85°C
±0.25 dB Error1
26
dB
±1 dB Error1
32
dB
±2 dB Error2
30
dB
Maximum Input Level
±0.25 dB error2
12
dBm
Minimum Input Level
±1 dB error2
−16
dBm
Conversion Gain
PEAK = (Gain × VIN) + Intercept
1.17
V/V rms
Output Intercept3
0.011
V
Output Voltage, High Power In
PIN = 5 dBm, 400 mV rms
0.472
V
Output Voltage, Low Power In
PIN = −15 dBm, 40 mV rms
0.057
V
RF INPUT (f = 3500 MHz)
Input RFIN to output VRMS and PEAK
Input Impedance
No termination
232||0.39
Ω||pF
RMS CONVERSION
Input RFIN to output VRMS
Dynamic Range
CW input, −40°C < TA < +85°C
±1 dB Error1
32
dB
±2 dB Error2
30
dB
Maximum Input Level
±0.25 dB error2
7
dBm
Minimum Input Level
±1 dB error2
−16
dBm
Conversion Gain
VRMS = (Gain × VIN) + Intercept
1.52
V/V rms
Output Intercept3
0.002
V
Output Voltage, High Power In
PIN = 5 dBm, 400 mV rms
0.594
V
Output Voltage, Low Power In
PIN = −15 dBm, 40 mV rms
0.065
V
ENVELOPE CONVERSION
Input RFIN to output PEAK
Dynamic Range
CW input, −40°C < TA < +85°C
±1 dB Error1
32
dB
±2 dB Error2
31
dB
Maximum Input Level
±0.25 dB error2
7
dBm
Minimum Input Level
±1 dB error2
−16
dBm
Conversion Gain
PEAK = (Gain × VIN) + Intercept
1.02
V/V rms
Output Intercept3
0.005
V
Output Voltage, High Power In
PIN = 5 dBm, 400 mV rms
0.403
V
Output Voltage, Low Power In
PIN = −15 dBm, 40 mV rms
0.049
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com