Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502ACBZ-P2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 13Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 14Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 15Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 16Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 17Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 18Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 19Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 20Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADL5502
Rev. A | Page 17 of 28
Multiple RF Inputs
Figure 47 shows a technique for combining multiple RF input
signals to the ADL5502. Some applications can share a single
detector for multiple bands. Three 16.5 Ω resistors in a T-network
combine the three 50 Ω terminations (including the ADL5502
with the shunt 75 Ω matching component). The broadband
resistive combiner ensures each port of the T-network sees a
50 Ω termination. Because there are only 6 dB of isolation from
one port of the combiner to the other ports, only one band
should be active at a time.
ADL5502
RFIN
BAND 1
50Ω
BAND 2
DIRECTIONAL
COUPLER
16.5Ω
50Ω
16.5Ω
16.5Ω
DIRECTIONAL
COUPLER
75Ω
Figure 47. Combining Multiple RF Input Signals
LINEARITY
Because the ADL5502 is a linear responding device, plots of
output voltage vs. input voltage result in a straight line (see
Figure 4, Figure 5, and Figure 7) and the dynamic range in
dB is not clearly visible. It is more useful to plot the error on
a logarithmic scale, as shown in Figure 6 and Figure 8. The
deviation of the plot for the ideal straight line characteristic is
caused by input stage clipping at the high end and by signal
offsets at the low end. However, offsets at the low end can be
either positive or negative; therefore, the linearity error vs. input
level plots could also trend upwards at the low end. Figure 10,
Figure 11, Figure 12, Figure 16, Figure 17, and Figure 18 show
error distributions for a large population of devices at specific
frequencies over temperature.
It is also apparent in Figure 6 that the error at the lower portion
of the dynamic range tends to shift up as frequency is increased
This is due to the calibration points chosen, 0 dBm and 9 dBm
(see the Device Calibration and Error Calculation section).
The absolute value cell has an input impedance that varies with
frequency. The result is a decrease in the actual voltage across the
squaring cell as the frequency increases, reducing the conversion
gain. Similarly, conversion gain is less at frequencies near 450 MHz
because of the small on-chip coupling capacitor. The dynamic
range is near constant over frequency, but with a decrease in
conversion gain as frequency is increased.
Output Swing
At 900 MHz, the VRMS output voltage is nominally 1.89 times the
input rms voltage (a conversion gain of 1.89 V/V rms). Similarly,
the PEAK output voltage is nominally 1.27 times the input rms
voltage (a conversion gain of 1.27 V/V rms). The rms output
voltage swings from near ground to 2.4 V on a 3.0 V supply.
Figure 9 shows the output swings of the ADL5502 to a CW input
for various supply voltages. Only at the lowest supply voltage
(2.5 V) is there a reduction in the dynamic range as the input
headroom decreases.
VRMS Output Offset
The ADL5502 has a ±1 dB error detection range of about 30 dB,
as shown in Figure 10 to Figure 12 and Figure 16 to Figure 18. The
error is referred to the best-fit line defined in the linear region of
the output response (see the Device Calibration and Error
Calculation section for more details). Below an input power of
−18 dBm, the response is no longer linear and begins to lose
accuracy. In addition, depending on the supply voltage,
saturation may limit the detection accuracy above 12 dBm.
Calibration points should be chosen in the linear region,
avoiding the nonlinear ranges at the high and low extremes.
1
10
100
1k
INPUT (dBm)
–30
–25
–20
–15
–10
–5
0
5
10
15
Figure 48. VRMS Output vs. Input Level Distribution of 50 Devices,
900 MHz Frequency, Supply 3.0 V
1
10
100
1k
INPUT (dBm)
–30
–25
–20
–15
–10
–5
0
5
10
15
Figure 49. PEAK Output vs. Input Level Distribution of 50 Devices,
900 MHz Frequency, Supply 3.0 V
Figure 48 and Figure 49 show distributions of VRMS and PEAK
output responses vs. the input power for multiple devices. The
ADL5502 loses accuracy at low input powers as the output
response begins to fanout. As the input power is reduced, the
spread of the output response increases along with the error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com